Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8544JS Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP8544JS
Description  Two and Four Channel 12-Bit Multiplexed Sampling ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8544JS Datasheet(HTML) 3 Page - Sipex Corporation

  SP8544JS Datasheet HTML 1Page - Sipex Corporation SP8544JS Datasheet HTML 2Page - Sipex Corporation SP8544JS Datasheet HTML 3Page - Sipex Corporation SP8544JS Datasheet HTML 4Page - Sipex Corporation SP8544JS Datasheet HTML 5Page - Sipex Corporation SP8544JS Datasheet HTML 6Page - Sipex Corporation SP8544JS Datasheet HTML 7Page - Sipex Corporation SP8544JS Datasheet HTML 8Page - Sipex Corporation SP8544JS Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
© Copyright 2000 Sipex Corporation
3
SPECIFICATIONS (continued)
Unless otherwise noted the following specifications apply for V
DD = 5V with limits applicable for TA = 25˚C.
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Reference Output
1.25
Volt
Ref. Out Temp. Coef.
J, A
30
ppm/˚C
K,B
20
ppm/˚C
Ref.Out Error
+4
+25
mV
Output Current
1
mA
Digital Inputs
Input Low Voltage , VIL
0.8
Volt
VDD= 5V
±5%
Input High Voltage , VIH
2.0
Volt
VDD= 5V
±5%
Input Current IIN
+1
µA
Input Capacitance
3
pF
Digital Outputs
Data Format (3)
Data Coding (4)
VOH
4.0
Volt
VDD=5V
±5%, IOH=-0.4mA
VOL
0.4
Volt
VDD=5V
±5%, IOL=+1.6mA
AC Accuracy
Spurious Free Dynamic
78
dB
fin=47KHz
Range (SFDR)
Total Harmonic Distortion
(THD)
-74
dB
fin=47KHz
Signal to Noise &
Distortion (SINAD)
70
dB
fin=47KHz
Signal to Noise (SNR)
71
dB
fin=47KHz
Sampling Dynamics
Acquisition Time to 0.01%
250
ns
-3dB Small Signal BW
13
MHz
Aperture Delay
35
ns
Aperture Jitter
10
ps RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com