Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP706SEN Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP706SEN
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP706SEN Datasheet(HTML) 3 Page - Sipex Corporation

  SP706SEN Datasheet HTML 1Page - Sipex Corporation SP706SEN Datasheet HTML 2Page - Sipex Corporation SP706SEN Datasheet HTML 3Page - Sipex Corporation SP706SEN Datasheet HTML 4Page - Sipex Corporation SP706SEN Datasheet HTML 5Page - Sipex Corporation SP706SEN Datasheet HTML 6Page - Sipex Corporation SP706SEN Datasheet HTML 7Page - Sipex Corporation SP706SEN Datasheet HTML 8Page - Sipex Corporation SP706SEN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Rev. 10-17-00
SP706 +3.0/ +3.3 Low Power Microprocessor Circuits
© Copyright 2000 Sipex Corporation
SPECIFICATIONS (continued)
V
cc = 2.7V to 5.5V for SP70_P/R, VCC = 3.0 to 5.5V for SP70_S, VCC = 3.15V to 5.5V for SP70_T, TA= TMIN to TMAX to TMAX, unless otherwise noted,
typical at 25
°C.
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
e
g
a
t
l
o
V
t
u
p
t
u
O
O
D
W
V
H
O
V
L
O
V
H
O
V
L
O
V
x
8
.
0
C
C
V
C
C
5
.
1
-
3
.
0
4
.
0
V
V
)
X
A
M
(
T
S
R
V
<
C
C
I
,
V
6
.
3
<
E
C
R
U
O
S
0
0
5
=
µA
V
)
X
A
M
(
T
S
R
V
<
C
C
I
,
V
6
.
3
<
K
N
I
S
A
m
2
.
1
=
V
<
V
5
.
4
C
C
I
,
V
5
.
5
<
E
C
R
U
O
S
0
0
8
=
µA
V
<
V
5
.
4
C
C
I
,
V
5
.
5
<
K
N
I
S
A
m
2
.
3
=
R
Mt
n
e
r
r
u
C
p
U
-
ll
u
P5
2
0
0
1
0
7
0
5
2
0
5
2
0
0
6
µA
R
MV
,
V
0
=
)
X
A
M
(
T
S
R
V
<
C
C
V
6
.
3
<
V
<
V
5
.
4
,
V
0
=
R
M
C
C
V
5
.
5
<
R
Mt
,
h
t
d
i
W
e
s
l
u
P
R
M
0
0
5
0
5
1
s
n
V
)
X
A
M
(
T
S
R
V
<
C
C
V
6
.
3
<
V
<
V
5
.
4
C
C
V
5
.
5
<
R
Md
l
o
h
s
e
r
h
T
t
u
p
n
I
V
L
I
V
H
I
V
L
I
V
H
I
V
x
7
.
0
C
C
0
.
2
6
.
0
8
.
0
V
V
)
X
A
M
(
T
S
R
V
<
C
C
V
6
.
3
<
V
)
X
A
M
(
T
S
R
V
<
C
C
V
6
.
3
<
V
<
V
5
.
4
C
C
V
5
.
5
<
V
<
V
5
.
4
C
C
V
5
.
5
<
R
Mt
,
y
a
l
e
D
t
u
O
t
e
s
e
R
o
t
D
M
0
5
7
0
5
2
s
n
V
)
X
A
M
(
T
S
R
V
<
C
C
2
E
T
O
N
,
V
6
.
3
<
V
<
V
5
.
4
C
C
2
E
T
O
N
,
V
5
.
5
<
d
l
o
h
s
e
r
h
T
t
u
p
n
I
I
F
P
0
2
.
15
2
.
10
3
.
1V
V
C
C
e
h
t
r
o
f
V
0
.
3
=
R
/
P
_
0
7
P
S
V
,
C
C
=
e
h
t
r
o
f
V
3
.
3
T
/
S
_
0
7
P
S
g
n
il
l
a
f
I
F
P
,
t
n
e
r
r
u
C
t
u
p
n
I
I
F
P0
0
.
5
2
-1
0
.
00
0
.
5
2A
n
O
F
Pe
g
a
t
l
o
V
t
u
p
t
u
O
V
H
O
V
L
O
V
H
O
V
L
O
V
x
8
.
0
C
C
V
C
C
5
.
1
-
3
.
0
4
.
0
V
V
)
X
A
M
(
T
S
R
V
<
C
C
I
,
V
6
.
3
<
E
C
R
U
O
S
0
0
5
=
µA
V
)
X
A
M
(
T
S
R
V
<
C
C
I
,
V
6
.
3
<
K
N
I
S
2
.
1
=mA
V
<
V
5
.
4
C
C
I
,
V
5
.
5
<
E
C
R
U
O
S
0
0
8
=
µA
V
<
V
5
.
4
C
C
I
,
V
5
.
5
<
K
N
I
S
A
m
2
.
3
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com