Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP706SEN Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP706SEN
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP706SEN Datasheet(HTML) 5 Page - Sipex Corporation

  SP706SEN Datasheet HTML 1Page - Sipex Corporation SP706SEN Datasheet HTML 2Page - Sipex Corporation SP706SEN Datasheet HTML 3Page - Sipex Corporation SP706SEN Datasheet HTML 4Page - Sipex Corporation SP706SEN Datasheet HTML 5Page - Sipex Corporation SP706SEN Datasheet HTML 6Page - Sipex Corporation SP706SEN Datasheet HTML 7Page - Sipex Corporation SP706SEN Datasheet HTML 8Page - Sipex Corporation SP706SEN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
Rev. 10-17-00
SP706 +3.0/ +3.3 Low Power Microprocessor Circuits
© Copyright 2000 Sipex Corporation
E
M
A
NN
O
I
T
C
N
U
F
N
O
I
T
P
I
R
C
S
E
D
N
I
P
P
6
0
7
P
ST
/
S
/
R
6
0
7
P
ST
/
S
/
R
8
0
7
P
S
/
P
I
D
C
I
O
S
µC
I
O
S
/
P
I
D
C
I
O
S
µC
I
O
S
/
P
I
D
C
I
O
S
µC
I
O
S
R
M
e
s
l
u
p
t
e
s
e
r
a
s
r
e
g
g
i
r
t
t
u
p
n
i
s
i
h
T
-
t
e
s
e
R
l
a
u
n
a
M
t
u
p
n
i
W
O
L
-
e
v
i
t
c
a
s
i
h
T
.
V
8
.
0
w
o
l
e
b
d
e
ll
u
p
n
e
h
w
0
7
l
a
n
r
e
t
n
i
n
a
s
a
h
µ
e
b
n
a
c
t
I
.
t
n
e
r
r
u
c
p
u
-
ll
u
p
A
d
e
t
r
o
h
s
r
o
e
n
il
c
i
g
o
l
S
O
M
C
r
o
L
T
T
a
m
o
r
f
n
e
v
i
r
d
h
c
t
i
w
s
a
h
t
i
w
d
n
u
o
r
g
o
t
13
1
3
1
3
V
C
C
.
t
u
p
n
i
e
g
a
t
l
o
V2
4
2
4
2
4
D
N
Gs
l
a
n
g
i
s
ll
a
r
o
f
e
c
n
e
r
e
f
e
r
d
n
u
o
r
G3
5
3
5
3
5
I
F
P
t
u
p
n
i
r
o
t
i
n
o
m
e
g
a
t
l
o
v
s
i
h
t
n
e
h
W
-
t
u
p
n
I
li
a
F
-
r
e
w
o
P
I
F
P
t
c
e
n
n
o
C
.
W
O
L
s
e
o
g
O
F
P
,
V
5
2
.
1
n
a
h
t
s
s
e
l
s
i
V
r
o
d
n
u
o
r
g
o
t
C
C
.
e
s
u
n
i
t
o
n
n
e
h
w
46
4
6
4
6
O
F
P
I
F
P
li
t
n
u
H
G
I
H
s
i
t
u
p
t
u
o
s
i
h
T
-
t
u
p
t
u
O
li
a
F
-
r
e
w
o
P
.
V
5
2
.
1
n
a
h
t
s
s
e
l
s
i
57
5
7
5
7
I
D
W
r
o
H
G
I
H
s
n
i
a
m
e
r
t
u
p
n
i
s
i
h
t
f
I
-
t
u
p
n
I
g
o
d
h
c
t
a
W
s
e
m
i
t
r
e
m
i
t
g
o
d
h
c
t
a
w
l
a
n
r
e
t
n
i
e
h
t
,
s
6
.
1
r
o
f
W
O
L
r
o
I
D
W
g
n
i
t
a
o
l
F
.
W
O
L
s
e
o
g
O
D
W
d
n
a
t
u
o
e
t
a
t
s
-
i
r
t
e
c
n
a
d
e
p
m
i
-
h
g
i
h
a
o
t
I
D
W
g
n
i
t
c
e
n
n
o
c
l
a
n
r
e
t
n
i
e
h
T
.
e
r
u
t
a
e
f
g
o
d
h
c
t
a
w
e
h
t
s
e
l
b
a
s
i
d
r
e
f
f
u
b
s
i
T
E
S
E
R
r
e
v
e
n
e
h
w
s
r
a
e
l
c
r
e
m
i
t
g
o
d
h
c
t
a
w
s
e
e
s
I
D
W
r
e
v
e
n
e
h
w
r
o
,
d
e
t
a
t
s
-
i
r
t
s
i
I
D
W
,
d
e
t
r
e
s
s
a
.
e
g
d
e
g
n
il
l
a
f
r
o
g
n
i
s
i
r
a
68
6
8
-
-
.
C
.
N.
t
c
e
n
n
o
C
o
N-
-
-
-
6
8
T
E
S
E
R
s
e
s
l
u
p
t
u
p
t
u
o
s
i
h
T
-
t
u
p
t
u
O
T
E
S
E
R
W
O
L
-
e
v
i
t
c
A
W
O
L
s
y
a
t
s
d
n
a
d
e
r
e
g
g
i
r
t
n
e
h
w
s
m
0
0
2
r
o
f
W
O
L
V
r
e
v
e
n
e
h
w
C
C
t
I
.
d
l
o
h
s
e
r
h
t
t
e
s
e
r
e
h
t
w
o
l
e
b
s
i
V
r
e
t
f
a
s
m
0
0
2
r
o
f
W
O
L
s
n
i
a
m
e
r
c
c
e
h
t
e
v
o
b
a
s
e
s
i
r
.
H
G
I
H
o
t
W
O
L
m
o
r
f
s
e
o
g
R
M
r
o
d
l
o
h
s
e
r
h
t
t
e
s
e
r
s
s
e
l
n
u
T
E
S
E
R
r
e
g
g
i
r
t
t
o
n
ll
i
w
t
u
o
e
m
i
t
g
o
d
h
c
t
a
w
A
.
R
M
o
t
d
e
t
c
e
n
n
o
c
s
i
O
D
W
--
7
1
7
1
O
D
W
n
e
h
w
W
O
L
s
ll
u
p
t
u
p
t
u
o
s
i
h
T
-
t
u
p
t
u
O
g
o
d
h
c
t
a
W
t
n
u
o
c
s
6
.
1
s
t
i
s
e
h
s
i
n
i
f
r
e
m
i
t
g
o
d
h
c
t
a
w
l
a
n
r
e
t
n
i
e
h
t
s
i
g
o
d
h
c
t
a
w
e
h
t
li
t
n
u
n
i
a
g
a
H
G
I
H
o
g
t
o
n
s
e
o
d
d
n
a
e
n
il
-
w
o
l
g
n
i
r
u
d
W
O
L
s
e
o
g
o
s
l
a
O
D
W
.
d
e
r
a
e
l
c
V
r
e
v
e
n
e
h
W
.
s
n
o
i
t
i
d
n
o
c
C
C
t
e
s
e
r
e
h
t
w
o
l
e
b
s
i
e
k
il
n
u
,
r
e
v
e
w
o
H
.
W
O
L
s
y
a
t
s
O
D
W
,
d
l
o
h
s
e
r
h
t
e
s
l
u
p
m
u
m
i
n
i
m
a
e
v
a
h
t
o
n
s
e
o
d
O
D
W
,
T
E
S
E
R
V
s
a
n
o
o
s
s
A
.
h
t
d
i
w
C
C
t
e
s
e
r
e
h
t
e
v
o
b
a
s
i
.
y
a
l
e
d
o
n
h
t
i
w
H
G
I
H
s
e
o
g
O
D
W
,
d
l
o
h
s
e
r
h
t
82
8
2
-
-
T
E
S
E
R
e
h
t
s
i
t
u
p
t
u
o
s
i
h
T
-
t
u
p
t
u
O
T
E
S
E
R
H
G
I
H
-
e
v
i
t
c
A
s
i
T
E
S
E
R
r
e
v
e
n
e
h
W
.
T
E
S
E
R
f
o
t
n
e
m
e
l
p
m
o
c
e
h
t
e
t
o
N
.
a
s
r
e
v
e
c
i
v
d
n
a
,
W
O
L
s
i
T
E
S
E
R
,
H
G
I
H
T
/
S
/
R
8
0
7
P
S
.
y
l
n
o
t
u
p
t
u
o
t
e
s
e
r
a
s
a
h
71
-
-
8
2
Table 1. Device Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com