Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S8024RN-IL/F Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # 73S8024RN-IL/F
Description  Low-Cost Smart Card Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S8024RN-IL/F Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button 73S8024RN-IL/F Datasheet HTML 3Page - Maxim Integrated Products 73S8024RN-IL/F Datasheet HTML 4Page - Maxim Integrated Products 73S8024RN-IL/F Datasheet HTML 5Page - Maxim Integrated Products 73S8024RN-IL/F Datasheet HTML 6Page - Maxim Integrated Products 73S8024RN-IL/F Datasheet HTML 7Page - Maxim Integrated Products 73S8024RN-IL/F Datasheet HTML 8Page - Maxim Integrated Products 73S8024RN-IL/F Datasheet HTML 9Page - Maxim Integrated Products 73S8024RN-IL/F Datasheet HTML 10Page - Maxim Integrated Products 73S8024RN-IL/F Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DS_8024RN_020
73S8024RN Data Sheet
Rev. 2
7
2 System Controller Interface
Three separated digital inputs allow direct control of the card interface from the host as follows:
•
Pin CMDVCC: When low, starts an activation sequence.
•
Pin RSTIN: controls the card Reset signal (when enabled by the sequencer).
•
Pin 5V/#V: Defines the card voltage.
Card clock is controlled by four digital inputs:
•
CLKDIV1 and CLKDIV2 define the division rate for the clock frequency, from the input clock
frequency (crystal or external clock).
•
CLKSTOP (active high) allows card power down mode by stopping the card clock.
•
CLKLEV defines the card clock level of the card power down mode.
Interrupt output to the host: As long as the card is not activated, the OFF pin informs the host about the
card presence only (Low = No card in the reader). When CMDVCC is set low (Card activation sequence
requested from the host), low level on OFF means a fault has been detected (e.g. card removal during
card session, or voltage fault, or thermal / over-current fault) that automatically initiates a deactivation
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com