Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S8024RN-IL/F Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # 73S8024RN-IL/F
Description  Low-Cost Smart Card Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S8024RN-IL/F Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button 73S8024RN-IL/F Datasheet HTML 8Page - Maxim Integrated Products 73S8024RN-IL/F Datasheet HTML 9Page - Maxim Integrated Products 73S8024RN-IL/F Datasheet HTML 10Page - Maxim Integrated Products 73S8024RN-IL/F Datasheet HTML 11Page - Maxim Integrated Products 73S8024RN-IL/F Datasheet HTML 12Page - Maxim Integrated Products 73S8024RN-IL/F Datasheet HTML 13Page - Maxim Integrated Products 73S8024RN-IL/F Datasheet HTML 14Page - Maxim Integrated Products 73S8024RN-IL/F Datasheet HTML 15Page - Maxim Integrated Products 73S8024RN-IL/F Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
73S8024RN Data Sheet
DS_8024RN_020
12
Rev. 2
8 Deactivation Sequence
Deactivation is initiated either by the system controller by setting the CMDVCC high, or automatically in
the event of hardware faults. Hardware faults are over-current, overheating, VDD fault, VPC fault, VCC fault,
and card extraction during the session. To be noted that VPC and VCC faults are linked together so that a
fault is generated when VPC goes lower than VCC.
The following steps show the deactivation sequence and the timing of the card control signals when the
system controller sets the CMDVCC high or OFF goes low due to a fault or card removal:
•
RST goes low at the end of t1.
•
CLK is set low at the end of t2.
•
I/O goes low at the end of t3. Out of reception mode.
•
VCC is shut down at the end of time t4. After a delay t5 (discharge of the VCC capacitor), VCC is low.
RST
CLK
I/O
VCC
t1
t2
t3
t4
t5
CMDVCC
-- OR --
OFF
t1 = > 0.5µs, timing by 1.5MHz internal Oscillator
t2 = > 7.5µs
t3 = > 0.5µs
t4 = > 0.5µs
t5 = depends on VCC filter capacitor.
For NDS application, CF=1µF makes t1 + t2 + t3 + t4 + t5 < 100µs
Figure 4: Deactivation Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com