Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5643L Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5643L
Description  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5643L Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5643L Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
TBD
MAPBGA–225
15 mm x 15 mm
QFN12
##_mm_x_##mm
SOT-343R
##_mm_x_##mm
PKG-TBD
## mm x ## mm
257 MAPBGA
(14 x 14 x 0.8 mm)
(20 x 20 x 1.4 mm)
144 LQFP
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5643L
Rev. 8.1, 5/2012
© Freescale Semiconductor, Inc., 2009–2012. All rights reserved.
This document contains information on a product under development. Freescale reserves
the right to change or discontinue this product without notice.
MPC5643L
Qorivva MPC5643L
Microcontroller Data Sheet
High-performance e200z4d dual core
32-bit Power Architecture® technology CPU
Core frequency as high as 120 MHz
Dual issue five-stage pipeline core
Variable Length Encoding (VLE)
Memory Management Unit (MMU)
4 KB instruction cache with error detection code
Signal processing engine (SPE)
Memory available
1 MB flash memory with ECC
128 KB on-chip SRAM with ECC
Built-in RWW capabilities for EEPROM emulation
SIL3/ASILD innovative safety concept: LockStep mode
and Fail-safe protection
Sphere of replication (SoR) for key components (such
as CPU core, eDMA, crossbar switch)
Fault collection and control unit (FCCU)
Redundancy control and checker unit (RCCU) on
outputs of the SoR connected to FCCU
Boot-time Built-In Self-Test for Memory (MBIST)
and Logic (LBIST) triggered by hardware
Boot-time Built-In Self-Test for ADC and flash
memory triggered by software
Replicated safety enhanced watchdog
Replicated junction temperature sensor
Non-maskable interrupt (NMI)
16-region memory protection unit (MPU)
Clock monitoring units (CMU)
Power management unit (PMU)
Cyclic redundancy check (CRC) unit
Decoupled Parallel mode for high-performance use
of replicated cores
Nexus Class 3+ interface
Interrupts
Replicated 16-priority controller
Replicated 16-channel eDMA controller
GPIOs individually programmable as input, output or
special function
Three 6-channel general-purpose eTimer units
2 FlexPWM units
Four 16-bit channels per module
Communications interfaces
2 LINFlexD channels
3 DSPI channels with automatic chip select
generation
2 FlexCAN interfaces (2.0B Active) with 32 message
objects
FlexRay module (V2.1 Rev. A) with 2 channels, 64
message buffers and data rates up to 10 Mbit/s
Two 12-bit analog-to-digital converters (ADCs)
16 input channels
Programmable cross triggering unit (CTU) to
synchronize ADCs conversion with timer and PWM
Sine wave generator (D/A with low pass filter)
On-chip CAN/UART bootstrap loader
Single 3.0 V to 3.6 V voltage supply
Ambient temperature range –40 °C to 125 °C
Junction temperature range –40 °C to 150 °C


Similar Part No. - MPC5643L

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5643L FREESCALE-MPC5643L Datasheet
1Mb / 98P
MPC5643L Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5643L NXP-MPC5643L Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
logo
Freescale Semiconductor...
MPC5643LF0MLQ1 FREESCALE-MPC5643LF0MLQ1 Datasheet
1Mb / 98P
MPC5643L Microcontroller Data Sheet
MPC5643LF0MLQ1R FREESCALE-MPC5643LF0MLQ1R Datasheet
1Mb / 98P
MPC5643L Microcontroller Data Sheet
MPC5643LF0MLQ8 FREESCALE-MPC5643LF0MLQ8 Datasheet
1Mb / 98P
MPC5643L Microcontroller Data Sheet
More results

Similar Description - MPC5643L

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Freescale Semiconductor...
MPC5642A FREESCALE-MPC5642A Datasheet
1Mb / 120P
Qorivva MPC5642A Microcontroller
MPC5645S FREESCALE-MPC5645S Datasheet
1Mb / 146P
Qorivva MPC5645S Microcontroller Data Sheet
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
logo
Freescale Semiconductor...
MPC5554FS FREESCALE-MPC5554FS Datasheet
589Kb / 2P
Qorivva MPC5554 Family
TRK-MPC5606B FREESCALE-TRK-MPC5606B Datasheet
243Kb / 2P
Qorivva MPC560xB/C/D Family
SPC560 FREESCALE-SPC560 Datasheet
243Kb / 2P
Qorivva MPC560xBCD Family
logo
Texas Instruments
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com