Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2811 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX2811
Description  10A Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2811 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX2811 Datasheet HTML 1Page - Sipex Corporation SPX2811 Datasheet HTML 2Page - Sipex Corporation SPX2811 Datasheet HTML 3Page - Sipex Corporation SPX2811 Datasheet HTML 4Page - Sipex Corporation SPX2811 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. 10/30/00
SPX2811
ABSOLUTE MAXIMUM RATINGS
Lead Temp. (Soldering, 10 Seconds) .............................. 300°C
Operating Input Voltage ................................... 7V
Storage Temperature Range ............................ -65° to +150°C
Operating Junction Temperature Range
SPX2811 Control Section..........................0C° to +125°C
SPX2811 Power Transistor........................0C° to +150°C
ELECTRICAL CHARACTERISTICS
(NOTE 1) at IOUT = 10mA, Ta=25
°C, unless otherwise specified.
Parameter
Conditions
SPX2811
Min
Typ
Max
Units
3.3V Version
Output Voltage
SPX2811-3.3V, 0
≤IOUT 1.5A, 4.75V≤VIN≤7V
3.270
3.240
3.3
3.330
3.360
V
Reference Voltage
SPX2811-1.5V
≤ (VIN -VOUT)≤3V, 10mA≤IOUT≤7A
1.238
1.225
1.250
1.262
1.275
V
Output Voltage
SPX2811-3.3, 0
≤IOUT≤5A, 4.75V≤VIN ≤7V Note 4
3.270
3.235
3.300
3.330
3.365
V
Min. Load Current
1.5V
≤ (VIN -VOUT)≤5.75V
5
10
mA
Line Regulation
SPX2811-2.75V
≤VIN ≤7V, IOUT=10mA, TJ=25°C
0.005
0.005
0.2
0.2
%
SPX2811-3.3, 4.75V
≤VIN ≤7V, IOUT=0mA, TJ=25°C
0.005
0.005
0.2
0.2
Load Regulation
SPX2811,10
≤IOUT ≤IFLA, (VIN-VOUT)=3V, TJ=25°C
0.05
0.005
0.3
0.5
%
SPX2811-3.3,0
≤IOUT ≤IFLA, VIN=5V, TJ=25°C
0.05
0.005
0.3
0.5
Dropout Voltage
IOUT=IFULLLOAD ,
∆VREF=1%
1.1
1.2
V
Current Limit
SPX2811, VIN=7V
11.0
12.0
A
Long Term Stability
TA=125
°C, 1000Hrs.
0.3
1
%
Thermal Regulation
SPX2811, 30ms pulse
0.004
0.020
%/W
Temperature Stability
0.5
%
Output Noise, RMS
10Hz to 10kHz
0.003
% VO
TO-220
Control Section
Power Transistor
Thermal Resistance
Junction-to-Case
TO-263
Control Section
Power Transistor
0.65
2.7
0.65
2.7
°C/W
The Bold specifications apply to the full operating temperature range.
Note 1: Changes in output voltage due to heating effects are covered under the specification for thermal regulation.
Note 2: A 10
µF output capacitor is required on SPX2811.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com