Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2811 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX2811
Description  10A Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2811 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX2811 Datasheet HTML 1Page - Sipex Corporation SPX2811 Datasheet HTML 2Page - Sipex Corporation SPX2811 Datasheet HTML 3Page - Sipex Corporation SPX2811 Datasheet HTML 4Page - Sipex Corporation SPX2811 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. 10/30/00
SPX2811
TYPICAL APPLICATIONS
IN
OUT
ADJ
+5V
3.45V
SPX2811
C1
R1
R1
Powering Intel Pentium
TM with SPX2811
VIN
C2
VCC
Pentium Processor is a trademark of Intel Corp. Power PC is a trademark of IBM Corp.
IN
OUT
ADJ
SPX2811
V
OUT
Typical Adjustable Regulator
V
IN
LOAD
ADJ
SPX2811
10A Current Output Regulator
V
IN
C
1
OUT
IN
V
OUT = VREF (1 + R2 ) + IADJ R2
R
1
R
1
C
1
C
2
R
1
R
2
V
REF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com