Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1202AT Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX1202AT
Description  1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1202AT Datasheet(HTML) 3 Page - Sipex Corporation

  SPX1202AT Datasheet HTML 1Page - Sipex Corporation SPX1202AT Datasheet HTML 2Page - Sipex Corporation SPX1202AT Datasheet HTML 3Page - Sipex Corporation SPX1202AT Datasheet HTML 4Page - Sipex Corporation SPX1202AT Datasheet HTML 5Page - Sipex Corporation SPX1202AT Datasheet HTML 6Page - Sipex Corporation SPX1202AT Datasheet HTML 7Page - Sipex Corporation SPX1202AT Datasheet HTML 8Page - Sipex Corporation SPX1202AT Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Date: 5/25/04
SPX2810 1A Low Dropout Linear Regulator
© Copyright 2004 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Load Regulation for SPX2810M3-3.3;
Figure 2. Line Regulation for SPX2810M3--3.3;
V
IN=4.8V, COUT=2.2µFVIN=4.8V, COUT=2.2µF
Figure 3. Dropout Voltage vs Output Current for
SPX2810M3-3.3; V
IN=4.89V, COUT=10µF
Figure 5. Current Limit for SPX2810M3-3.3, Output
Voltage Deviation, (I
OUT pulsed from 10mA to 1A).
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
10
100
1000
Output Current (A)
3.300
3.310
3.320
3.330
4.8
9.8
14.8
Vin (V)
Series 1
Series 2
Line Regulation at 25°C
0.9
1.0
1.1
1.2
1.3
100
200
300
400
500
600
700
800
900
1000
Output Current (mA)
Figure 4. Current Limit for SP1202M3-3.3; V
IN=4.8V,
C
IN=COUT=1.0µF, IOUT pulsed from 10mA to Current
Limit
Temp (°C)
-50
-25
0
25
50
75
100
125
2.00
1.50
1.00
0.50
0.00
Series 1
Series 2
Current Limit VS Temp
125°C
22µF
Indicating Current
Limit Starts
V
IN
= 4.0V
V
IN
=3.3V Fixed
1
O
=10mA
C
IN
=1µF Ten Cap
C
OUT
=2.2µF Ten Cap
100
0
-100
15
10
0.5
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Time (ms)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com