Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1202AT Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX1202AT
Description  1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1202AT Datasheet(HTML) 1 Page - Sipex Corporation

  SPX1202AT Datasheet HTML 1Page - Sipex Corporation SPX1202AT Datasheet HTML 2Page - Sipex Corporation SPX1202AT Datasheet HTML 3Page - Sipex Corporation SPX1202AT Datasheet HTML 4Page - Sipex Corporation SPX1202AT Datasheet HTML 5Page - Sipex Corporation SPX1202AT Datasheet HTML 6Page - Sipex Corporation SPX1202AT Datasheet HTML 7Page - Sipex Corporation SPX1202AT Datasheet HTML 8Page - Sipex Corporation SPX1202AT Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Date: 5/25/04
SPX2810 1A Low Dropout Linear Regulator
© Copyright 2004 Sipex Corporation
1A Low Dropout Positive Linear Regulator
SPX2810
FEATURES
■ Guaranteed 1A Output
■ Three Terminal Adjustable or Fixed
2.5V, 3.0V and 3.3V
■ Low Quiescent Current
■ Low Dropout Voltage of 1.1V at Full Load
■ 0.2% Line and 0.3% Load Regulation
■ Voltage Temperature Stability 0.25%
■ Overcurrent and Thermal Protection
■ Available Packages: SOT-223,TO-252,
TO-220, and TO-263
®
The SPX2810 is a low power positive-voltage regulator designed to satisfy moderate power
requirements with a cost effective, small footprint solution. This device is an excellent choice for
use in battery-powered applications and portable computers. The SPX2810 has a very low
quiescent current and a low dropout voltage of 1.1V at full load. As output current decreases,
quiescent current flows into the load, increasing efficiency. SPX2810 is available in adjustable
or fixed 2.5V, 3.0V and 3.3V output voltages.
The SPX2810 is offered in several industry standard 3-pin surface mount packages: SOT-223,
TO-252, TO-220 and TO-263. An output capacitor of 10µF or larger, provides unconditionally
stability for most applications.
DESCRIPTION
Now Available in Lead Free Packaging
TYPICAL APPLICATION CIRCUITS
APPLICATIONS
■ SCSI-II Active Terminator
■ Portable/Palm Top/Notebook
Computers
■ Battery Chargers
■ Disk Drives
■ Portable Consumer Equipment
■ Portable Instrumentation
■ SMPS Post-Regulator
SPX2810 is 2% Accuracy
SPX2810A is 1% Accuracy
IN
OUT
I ADJ
SPX2810
C1
R
1
R
2
VOUT
VIN
C
2
V
OUT =V REF (1+R 2 /R1) +I ADJ R 2
V
REF
50µA
ADJ
4.7µF +
12
3
SPX2810
3 Pin TO-263
ADJ/GND
V
IN
V
OUT


Similar Part No. - SPX1202AT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
143Kb / 5P
600mA Low Dropout NPN Voltage Regulator
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
SPX1202 SIPEX-SPX1202 Datasheet
1Mb / 12P
600mA Low Dropout Voltage Regulator
SPX1202M3 SIPEX-SPX1202M3 Datasheet
143Kb / 5P
600mA Low Dropout NPN Voltage Regulator
SPX1202M3 SIPEX-SPX1202M3 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
More results

Similar Description - SPX1202AT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2940 SIPEX-SPX2940 Datasheet
103Kb / 9P
1A Low Dropout Voltage Regulator Fixed Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX3940 SIPEX-SPX3940 Datasheet
215Kb / 11P
1A Low Dropout Voltage Regulator Fixed Output, Fast Response
SPX2941 SIPEX-SPX2941_06 Datasheet
890Kb / 10P
1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941T5-L SIPEX-SPX2941T5-L Datasheet
921Kb / 10P
1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com