Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX4041 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX4041
Description  Precision Micropower 1.24V Shunt Voltage Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4041 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX4041 Datasheet HTML 1Page - Sipex Corporation SPX4041 Datasheet HTML 2Page - Sipex Corporation SPX4041 Datasheet HTML 3Page - Sipex Corporation SPX4041 Datasheet HTML 4Page - Sipex Corporation SPX4041 Datasheet HTML 5Page - Sipex Corporation SPX4041 Datasheet HTML 6Page - Sipex Corporation SPX4041 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev. 10/25/00
SPX4041
ABSOLUTE MAXIMUM RATINGS
Reverse Current................................................................20mA
Power Dissipation at 25
°C
Forward Current ...............................................................10mA
M Package ...................................................... 300mW
Storage Temperature ...................................... -65
°C to +150°C
N Package ....................................................... 550mW
Lead Temperature (Soldering) ........................................ 300
°C
S Package........................................................ 525mW
Temperature Range ................................... -40
°C ≤ TA ≤ +85°C
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IIN = 1000
µA, and TA = +25°C unless otherwise noted. . Boldface limits apply over temperature.
Parameters
Conditions
SPX4041A2
Min
Typ
Max
SPX4041B2
Min
Typ
Max
Units
Reverse Breakdown
Voltage
IR=500
µA
1.24
1.24
V
Reverse Breakdown
Tolerance
IR=500
µA
±25
±49
±25
±49
mV
mV
Output Impedance
0.60
2
0.60
2
Ω
Noise Voltage
0.1kHz
≤f ≤10Hz
15
15
µV p-p
Tempco
Note 1
50
100
ppm/
°C
Turn-on Setting
0.1% of VOUT
30
30
µSec
Operating Current
Range
Note 2
0.5
5
15
0.5
5
15
mA
Temp. Range
-40
85
-40
85
°C
Parameters
Conditions
SPX4041A3
Min
Typ
Max
SPX4041B3
Min
Typ
Max
Units
Reverse Breakdown
Voltage
IR=500
µA
1.24
1.24
V
Reverse Breakdown
Tolerance
IR=500
µA
±50
±74
±50
±74
mV
mV
Output Impedance
0.60
2
0.60
2
Ω
Noise Voltage
0.1kHz
≤f ≤10Hz
15
15
µV p-p
Tempco
Note 1
50
100
ppm/
°C
Turn-on Setting
0.1% of VOUT
30
30
µSec
Operating Current
Range
Note 2
0.1
5
15
0.1
5
15
mA
Temp. Range
-40
85
-40
85
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com