Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX4041 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX4041
Description  Precision Micropower 1.24V Shunt Voltage Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4041 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX4041 Datasheet HTML 1Page - Sipex Corporation SPX4041 Datasheet HTML 2Page - Sipex Corporation SPX4041 Datasheet HTML 3Page - Sipex Corporation SPX4041 Datasheet HTML 4Page - Sipex Corporation SPX4041 Datasheet HTML 5Page - Sipex Corporation SPX4041 Datasheet HTML 6Page - Sipex Corporation SPX4041 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev. 10/25/00
SPX4041
Note:
1) Three-point measurement guarantees the error band over the specified temperature range.
2) Optimum performance is obtained at currents below 1000
µA.
3) Limits are 100% production tested at 25
°C. Limits over temperature are guaranteed through correlation using statistical quality
control.
SPX4041 Applications Hints
This device is designed for stable operation and has no need
of an external capacitor between pin 4 and 8. The reference
remains stable if a bypass capacitor is used.
SOT-23
The SPX4041 in the SOT-23 package has a parasitic
Schottky diode between pin 3 and pin 1. Pin 1 of SOT-23
must float or be connected to pin 3.
Conventional Shunt Regulator
In a conventional shunt regulator application (see Figure 1),
an external series resister (RS) is connected between the
supply voltage and the SPX4041. RS determines the current
that flows through the load (IL) and the reference(IQ). Since
load current and supply voltage may vary, RS should be small
enough to supply at least the minimum acceptable IQ to the
reference even when the supply voltage is at its minimum and
the load current is at its maximum value. When the supply
voltage is at its maximum and IL is at its minimum, RS should
be large enough so that the current flowing through the
SPX4041-x.x is less than 15mA
RS is determined by the supply voltage (VS), the load and
operating current (IL and IQ), reference’s reverse breakdown
voltage (VR).
RS = (VS - VR)/(IL+IQ)
Figure 1. SPX4041 Fixed
Shunt Regulator Application
V
S
R
S
V
R
I
L
I
Q
I
O + IL
V
O
SPX4041



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com