Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX431 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX431
Description  Precision Adjustable Shunt Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX431 Datasheet HTML 1Page - Sipex Corporation SPX431 Datasheet HTML 2Page - Sipex Corporation SPX431 Datasheet HTML 3Page - Sipex Corporation SPX431 Datasheet HTML 4Page - Sipex Corporation SPX431 Datasheet HTML 5Page - Sipex Corporation SPX431 Datasheet HTML 6Page - Sipex Corporation SPX431 Datasheet HTML 7Page - Sipex Corporation SPX431 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. 10/30/00
SPX431
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNITS
Cathode-Anode Reverse Breakdown
VKA
37
V
Anode-Cathode Forward Current
IAK
1
A
Operating Cathode Current
IKA
150
mA
Reference Input Current
IREF
10
mA
Continuous Power Dissipation at 25
° C
TO-92
SOT-23
8L SOIC
SOT-89
PD
775
200
750
1000
mW
mW
mW
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
- 65 to 150
°C
Lead Temperature (Soldering 10 sec.)
TL
300
°C
Stresses greater than those listed under ABSULUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
RECOMMENDED CONDITIONS
TYPICAL THERMAL RESISTANCES
PARAMETER
SYMBOL
RATING
UNIT
PACKAGE
0JA
0JC
TYPICAL DERATING
Cathode Voltage
VKA
VREF to 20
V
TO-92
160
°C/W
80
°C/W
6.3 mW/
°C
Cathode Current
IK
10
mA
SOT-23
575
°C/W 150 °C/W
1.7 mW/
°C
SOIC
175
°C/W
45
°C/W
5.7 mW/
°C
SOT-89
110
°C/W
8
°C/W
9.1 mW/
°C
2.5V
+
-
REFERENCE
(R)
CATHODE (K)
ANODE (A)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com