Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX431 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX431
Description  Precision Adjustable Shunt Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX431 Datasheet HTML 1Page - Sipex Corporation SPX431 Datasheet HTML 2Page - Sipex Corporation SPX431 Datasheet HTML 3Page - Sipex Corporation SPX431 Datasheet HTML 4Page - Sipex Corporation SPX431 Datasheet HTML 5Page - Sipex Corporation SPX431 Datasheet HTML 6Page - Sipex Corporation SPX431 Datasheet HTML 7Page - Sipex Corporation SPX431 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. 10/30/00
SPX431
ELECTRICAL CHARACTERISTICS at 25°C IK @ 10mA VK = VREF, unless otherwise specified.
Parameter
Symbol
Test Conditions
Test Circuit
SPX431
Unit
Min
Typ
Max
Reference Voltage
VREF
TA = 25
°C
Over Temp.
1
1
2.490
2.469
2.503
2.515
2.536
V
V
∆VREF with Temp.∗
TC
1
0.07
0.20
mV/
°C
Ratio of Change in VREF to
Cathode Voltage
∆ VREF
∆VK
VREF to 10V
10V to 36V
2
-2.7
-2
-1.0
-0.4
0.3
mV/V
Reference Input Current
IREF
2
0.7
4
µA
IREF Temp Deviation
∆IREF
Over Temp.
2
0.4
1.2
µA
Min IK for Regulation
IK(MIN)
1
0.4
1
mA
Off State Leakage
IK(OFF)
VREF = 0V,
VKA = 36V
3
0.04
250
nA
Dynamic Output Impedance
ZKA
1
0.15
0.5
Ω
TC = Test Circuit
Calculating Average Temperature Coefficient (TC)
TEST CIRCUITS
TC in mV/°C =
∆V
REF (mV)
∆T
A
TC in %/°C =
V
REF at 25°C
∆T
A
∆V
REF
) x 100
TC in ppm/°C =
V
REF at 25°C
∆T
A
∆V
REF
) x 106
5000
∆Τ
-55
0.06 mV/°C
∆V
REF
0
0
0
-20
-10
0.5
Temperature (°C)
0.002 %/°C
24 ppm/°C
-25
0
25
50
75 100 125
I
K
I
REF
V
IN
V
KA = VREF
V
IN
V
KA
I
K
R
1
R
2
(V
REF)
Figure 1b. Test Circuit 2
Figure 1a. Test Circuit 1
V
IN
V
KA
I
K (OFF)
Figure 1c. Test Circuit 3
I
REF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com