Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX431L Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX431L
Description  Low Voltage Precision Adjustable Shunt Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431L Datasheet(HTML) 1 Page - Sipex Corporation

  SPX431L Datasheet HTML 1Page - Sipex Corporation SPX431L Datasheet HTML 2Page - Sipex Corporation SPX431L Datasheet HTML 3Page - Sipex Corporation SPX431L Datasheet HTML 4Page - Sipex Corporation SPX431L Datasheet HTML 5Page - Sipex Corporation SPX431L Datasheet HTML 6Page - Sipex Corporation SPX431L Datasheet HTML 7Page - Sipex Corporation SPX431L Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 10/30/00
SPX431L
Low Voltage Precision
Adjustable Shunt Regulator
FEATURES
APPLICATIONS
• Tight Tolerance.................................................. 0.5% @ 10mA
• Battery Operating Equipment
• Wide Operating Range..................................... 1mA to 100mA
• Adjustable Supplies
• Low Extended Temperature Range ....................0°°°°C to 105°°°°C
• Switching Power Supplies
• Low Temperature Coefficient .................................30 ppm/°°°°C
• Error Amplifiers
• Offered in TO-92, SOT-89, SOT-23-3 and SO-8
• Single Supply Amplifier
• Improved replacement in performance of AS431 & TL431
• Monitors/ VCR/ TV
• Low Cost Solution
• Personal Computers
PRODUCT DESCRIPTION
The SPX431L is a 3-terminal Adjustable Shunt Voltage Regulator providing a highly accurate bandgap reference. SPX431L acts as an
open-loop error amplifier with a 2.5V temperature compensation reference. The SPX431L thermal stability, wide operating current
(100mA) and temperature range (0
°C to 105°C) makes it suitable for all variety of applications that are looking for a low cost solution
with high performance.
The output voltage may be adjusted to any value between VREF and 20V with 2 external resistors. The SPX431L is operating in full
industrial temperature range of 0°C to 105°C. The SPX431L is available in TO-92, SOT-89, SOT-23-3 and SO-8 packages.
2.5V
+
-
REFERENCE
(R)
CATHODE (K)
ANODE (A)
Bottom View
TO-92 (N)
13
2
N/C
CATHODE
ANODE
REF
Top View
2
1
3
4
8
7
6
5
SPX431L
8-Pin Surface Mount (S)
CATHODE
REF
ANODE
ANODE
ANODE
ANODE
N/C
SOT-23-3 (M)
3
2
Top View
SPX431L
Top View
SPX431L
SOT-89 (M1)
1
2
3
REF
ANODE
CATHODE
ANODE
CATHODE
N/C
1
PIN CONNECTIONS


Similar Part No. - SPX431L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX431L SIPEX-SPX431L Datasheet
101Kb / 12P
Precision Adjustable Shunt Regulator
SPX431LAM SIPEX-SPX431LAM Datasheet
101Kb / 12P
Precision Adjustable Shunt Regulator
SPX431LAM/TR SIPEX-SPX431LAM/TR Datasheet
101Kb / 12P
Precision Adjustable Shunt Regulator
SPX431LAM1 SIPEX-SPX431LAM1 Datasheet
101Kb / 12P
Precision Adjustable Shunt Regulator
SPX431LAM1/TR SIPEX-SPX431LAM1/TR Datasheet
101Kb / 12P
Precision Adjustable Shunt Regulator
More results

Similar Description - SPX431L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
Low-Voltage Adjustable Precision Shunt Regulator
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
Low Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
Low Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com