Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX431L Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX431L
Description  Low Voltage Precision Adjustable Shunt Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431L Datasheet(HTML) 2 Page - Sipex Corporation

  SPX431L Datasheet HTML 1Page - Sipex Corporation SPX431L Datasheet HTML 2Page - Sipex Corporation SPX431L Datasheet HTML 3Page - Sipex Corporation SPX431L Datasheet HTML 4Page - Sipex Corporation SPX431L Datasheet HTML 5Page - Sipex Corporation SPX431L Datasheet HTML 6Page - Sipex Corporation SPX431L Datasheet HTML 7Page - Sipex Corporation SPX431L Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. 10/30/00
SPX431L
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Units
Cathode-Anode Reverse Breakdown
VKA
30
V
Anode-Cathode Forward Current
IAK
1
A
Operating Cathode Current
IKA
150
mA
Reference Input Current
IREF
10
mA
Continuous Power Dissipation at 25
°C
TO-92
SOT-23
SOIC-8
SOT-89
PD
775
200
750
1000
mW
mW
mW
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65 to +150
°C
Lead Temperature (Soldering 10 sec.)
TL
300
°C
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
RECOMMENDED CONDITIONS
TYPICAL THERMAL RESISTANCE
Parameter
Symbol
Rating
Unit
Package Type
θθθθJA
θθθθJC
Typical Derating
Cathode Voltage
VKA
VREF to 20
V
TO-92
160
°C/W
80
°C/W
6.3 mW/
°C
Cathode Current
IK
10
mA
SOT-23
575
°C/W 150°C/W
1.7 mW/
°C
SOIC-8
175
°C/W
45
°C/W
5.7 mW/
°C
SOT-89
110
°C/W
8
°C/W
9.1 mW/
°C
ELECTRICAL CHARACTERISTICS at 25°C IK @ 10mA VK=VREF , unless otherwise specified.
Parameter
Symbol
Test Conditions
SPX431LA
SPX431L
SPX431LC
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Reference
Voltage
VREF
TA = 25
°C TC = 1
2.490
2.503
2.515
2.470
2.495
2.520
2.445
2.495
2.545
V
Ratio of Change
in VREF to
Cathode Voltage
∆ VREF
∆VK
VREF to 10V
10V to 20V TC =
2
-2.7
-2
-1.0
-0.4
0.3
-2.7
-2
-1.0
-0.4
0.3
-2.7
-2
-1.0
-0.4
0.3
mV/V
Reference Input
Current
IREF
TC = 2
0.7
4
0.7
4
0.7
4
µA
IREF Temp
Deviation
∆IREF
Over Temp. TC =
2
0.4
1.2
0.4
1.2
0.4
1.2
µA
Min IK for
Regulation
IK(MIN)
TC = 1
0.4
1
0.4
1
0.4
1
mA
Off State Leakage
IK(OFF)
VREF = 0V,
VKA = 20V TC =
3
0.04
1
0.04
1
0.04
1
µA
Dynamic Output
Impedance
ZKA
TC = 1
0.15
0.5
0.15
0.5
0.15
0.5
Ω
TC = Test Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com