Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2391AS Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX2391AS
Description  100mA Low Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2391AS Datasheet(HTML) 5 Page - Sipex Corporation

  SPX2391AS Datasheet HTML 1Page - Sipex Corporation SPX2391AS Datasheet HTML 2Page - Sipex Corporation SPX2391AS Datasheet HTML 3Page - Sipex Corporation SPX2391AS Datasheet HTML 4Page - Sipex Corporation SPX2391AS Datasheet HTML 5Page - Sipex Corporation SPX2391AS Datasheet HTML 6Page - Sipex Corporation SPX2391AS Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Date: 05/25/04
SPX2931 100mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
In most applications the SPX2931 is operating
at few milliamps. In these applications the out-
put capacitance can be further reduced. For
example, when the regulator is running at 10mA
output current the output capacitance value is
half compared to the same regulator that is
running at 100 mA. The value decreases with
higher output voltages, since the internal loop
gain is reduced.
The worst case occurs at the lower temperature
and maximum operating currents, the entire
circuit and the electrolytic, should be cooled
down to the minimum temperature. The mini-
mum of 0.6 volts required at the input of regula-
tor above the output to keep the power dissipa-
tion and die heating to its minimum. After the
value for the capacitor has been determined for
actual use, the value should be doubled.
TYPICAL PERFORMANCE CHARACTERISTICS
PACKAGE PINOUTS
Bottom View
TO-92 (N)
SOT-89 (M1)
Top View
1
2
3
V
IN
GND
VOUT
13
2
GND
V
IN
V
OUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com