Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2391AS Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX2391AS
Description  100mA Low Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2391AS Datasheet(HTML) 1 Page - Sipex Corporation

  SPX2391AS Datasheet HTML 1Page - Sipex Corporation SPX2391AS Datasheet HTML 2Page - Sipex Corporation SPX2391AS Datasheet HTML 3Page - Sipex Corporation SPX2391AS Datasheet HTML 4Page - Sipex Corporation SPX2391AS Datasheet HTML 5Page - Sipex Corporation SPX2391AS Datasheet HTML 6Page - Sipex Corporation SPX2391AS Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Date: 05/25/04
SPX2931 100mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
100mA Low Dropout Voltage Regulator
SPX2931
DESCRIPTION
FEATURES
■ 3.3V and 3.5V Versions
■ Output Current in Excess of 100 mA
■ Input-Output Differential is 0.3 at 100mA
■ Mirror-Image Insertion Protection
■ Internal Thermal Protection
■ Available in TO-92 and SOT-89 Packages
■ Improved Version of the Industry
Standard LM2931
■ Reverse Battery, Internal Short Circuit,
20V Reverse Transient and 60V Load
Dump Protection
■ Availiable with either 2% or 3% Output
Accurancy at 25°C
®
The SPX2931 is a low power, positive voltage regulator. This device is an excellent choice for
use in battery-powered applications such as cordless telephones, radio control systems, and
portable computers. The SPX2931 features offers very low quiescent currents (0.4 mA), and very
low drop output voltage (50 mV at light load and 300 mV at 100 mA). The SPX2931 is offered
in a 3-pin TO-92, and SOT-89 package.
APPLICATIONS
■ Portable Instrumentation
■ Cordless Telephones
■ Radio Control Systems
TYPICAL APPLICATIONS CIRCUIT
Now Available in Lead Free Packaging
SPX2931
V
IN
C
1
V
OUT
1µF
100µF,
ESR 0.05 to 0.6
ohms
Gnd
Bottom View
TO-92 (N)
SOT-89 (M1)
Top View
1
2
3
V
IN
GND
VOUT
13
2
GND
V
IN
V
OUT


Similar Part No. - SPX2391AS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2340T-3.3 SIPEX-SPX2340T-3.3 Datasheet
103Kb / 9P
1A Low Dropout Voltage Regulator Fixed Output, Fast Response
SPX2340T-3.3/TR SIPEX-SPX2340T-3.3/TR Datasheet
103Kb / 9P
1A Low Dropout Voltage Regulator Fixed Output, Fast Response
More results

Similar Description - SPX2391AS

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931 Datasheet
81Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
100mA Low Dropout Voltage Regulator
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
100mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
100mA Low-Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
100mA Low -Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com