Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX432AS Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX432AS
Description  Ultra 1.24V Precision Adjustable Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX432AS Datasheet(HTML) 2 Page - Sipex Corporation

  SPX432AS Datasheet HTML 1Page - Sipex Corporation SPX432AS Datasheet HTML 2Page - Sipex Corporation SPX432AS Datasheet HTML 3Page - Sipex Corporation SPX432AS Datasheet HTML 4Page - Sipex Corporation SPX432AS Datasheet HTML 5Page - Sipex Corporation SPX432AS Datasheet HTML 6Page - Sipex Corporation SPX432AS Datasheet HTML 7Page - Sipex Corporation SPX432AS Datasheet HTML 8Page - Sipex Corporation SPX432AS Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. 11/21/00
SPX432
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Units
Cathode-Anode Reverse Breakdown
VDA
18
V
Anode-Cathode Forward Current
IAK
1
A
Operating Cathode Current
IKA
80
mA
Reference Input Current
IREF
1
mA
Continuous Power at 25
°C
TO-92
8L SOIC
SOT-23
PD
775
750
200
mW
mW
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
- 65 to +150
°C
Lead Temperature (Soldering 10 sec.)
TL
300
°C
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
RECOMMENDED CONDITIONS
TYPICAL THERMAL RESISTANCES
Parameter
Symbol
Rating
Unit
Package
θθθθJA
θθθθJC
Typical Derating
Cathode Voltage
VKA
VREF to 18
V
TO-92
160
°C/W
80
°C/W
6.3 mW/
°C
Cathode Current
IK
10
mA
SOIC
175
°C/W
45
°C/W
5.7 mW/
°C
SOT-23
575
°C/W
150
°C/W
1.7mW/
°C
1.24V
+
-
REFERENCE
(R)
CATHODE (K)
ANODE (A)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com