Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX432AS Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX432AS
Description  Ultra 1.24V Precision Adjustable Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX432AS Datasheet(HTML) 1 Page - Sipex Corporation

  SPX432AS Datasheet HTML 1Page - Sipex Corporation SPX432AS Datasheet HTML 2Page - Sipex Corporation SPX432AS Datasheet HTML 3Page - Sipex Corporation SPX432AS Datasheet HTML 4Page - Sipex Corporation SPX432AS Datasheet HTML 5Page - Sipex Corporation SPX432AS Datasheet HTML 6Page - Sipex Corporation SPX432AS Datasheet HTML 7Page - Sipex Corporation SPX432AS Datasheet HTML 8Page - Sipex Corporation SPX432AS Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 11/21/00
SPX432
Ultra 1.24V Precision Adjustable
Shunt Regulator
FEATURES
APPLICATIONS
•
Low Voltage Operation........................................ 1.24V
•
3.0V to 3.3V Switching Power Supplies
•
Trimmed Bandgap to ...................................0.5%/ 1%
•
Adjustable Supplies
•
Wide Operating Current ................... 1mA to 100mA
•
Error Amplifiers
•
Extended Temperature Range ...............0
°°°°C to 105°°°°C
•
Single Supply Amplifier
•
Adjustable Output Voltage...........................VREF to 18V
•
Monitors / VCR / TV
•
Low Temperature Coefficient ....................... 50 ppm/
°C
•
Personal Computers
•
Offered in TO-92, SOIC, SOT-23-3, SOT-23-5
•
Improved Replacement in Performance for TLV431
PRODUCT DESCRIPTION
The SPX432 is a 3-terminal Adjustable Shunt Voltage Regulator providing a highly accurate 1.24V bandgap reference with 0.5%
tolerance. The SPX432 thermal stability, wide operating current (80mA) and temperature range (0
°C to 105°C) makes it suitable for
abroad range of applications. SPX432 tolerance of 0.5% is proven to be sufficient to overcome other errors in the system to
virtually eliminate the need for trimming in the power supply manufactures assembly line and contribute a significant cost
savings.
The SPX432 is an ideal voltage reference in an isolated feedback circuit for 3.0V to 3.3V switching mode power supplies. SPX432
offers many advantages over TLV431, such as, wider output voltage up to 18V vs. 6V, output current of 80mA vs. 15mA, and a wider
temperature range with tighter tolerance down to 0.5%.
Top View
2
1
3
4
8
7
6
5
SPX432
8-Pin Surface Mount (S)
Bottom View
TO-92 (N)
13
2
CATHODE
ANODE
ANODE
N/C
REF
ANODE
ANODE
N/C
REF
ANODE
CATHODE
Top View
SPX432
SOT-23-3 (M)
Top View
SPX432
SOT-23-5 (M5)
ANODE
REF
CATHODE
ANODE
REF
N/C
N/C CATHODE
PIN CONNECTIONS


Similar Part No. - SPX432AS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432AS SIPEX-SPX432AS Datasheet
144Kb / 11P
1.24V Precision Adjustable Shunt Regulator
SPX432AS/TR SIPEX-SPX432AS/TR Datasheet
144Kb / 11P
1.24V Precision Adjustable Shunt Regulator
More results

Similar Description - SPX432AS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432L SIPEX-SPX432L Datasheet
166Kb / 9P
Ultra 1.24V Precision Adjustable Shunt Regulator
SPX1432 SIPEX-SPX1432 Datasheet
99Kb / 7P
1.24V Precision Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
1.24V Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com