Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL34118D Datasheet(PDF) 7 Page - System Logic Semiconductor

Part # SL34118D
Description  Voice Switched Speakerphone Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL34118D Datasheet(HTML) 7 Page - System Logic Semiconductor

Back Button SL34118D Datasheet HTML 3Page - System Logic Semiconductor SL34118D Datasheet HTML 4Page - System Logic Semiconductor SL34118D Datasheet HTML 5Page - System Logic Semiconductor SL34118D Datasheet HTML 6Page - System Logic Semiconductor SL34118D Datasheet HTML 7Page - System Logic Semiconductor SL34118D Datasheet HTML 8Page - System Logic Semiconductor SL34118D Datasheet HTML 9Page - System Logic Semiconductor SL34118D Datasheet HTML 10Page - System Logic Semiconductor SL34118D Datasheet HTML 11Page - System Logic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SL34118
System Logic
Semiconductor
SLS
As a low pass filter (Figure 7), it can be used to
roll off the high and frequencies in the receive circuit,
which aids protecting against acoustic feedback
problems. With an appropriate choice of an input
coupling capacitor to the low pass filter, a band pass
filter is formed.
Figure 7. Low Pass Filter
POWER
SUPPLY,
VB,
AND
CHIP
DISABLE
The power supply voltage at VCC (Pin 4) is to be
between 3.5 and 6.5 volts for normal operation, with
reduced operation possible down to 2.8 volts.
The output voltage at VB (Pin 15) is
≈(V
CC - 0.7)/2, and
provides the ac ground for the system. The output
impedance at VB is
≈400 Ω, and in conjunction with
the external capacitor at VB, forms a low pass filter for
power supply rejection.
Since VB biases
the microphone and hybrid
amplifiers, the amount of supply rejection at their
outputs is directly related to the rejection at VB, as
well as their respective gains.
The Chip Disable (Pin 3) permits powering down
the IC to conserve power and/or for muting purposes.
With CD
≤0.8 volts, normal operation is in effect. With
CD
≥2.0 volts and ≤V
CC, the IC is powered down. In
the powered down mode, the microphone and the
hybrid amplifiers are disabled, and their outputs go to
a high impedance state. Additionally, the bias is
removed from the filter (Pins 1, 2), the attenuators
(Pins 8, 9, 21, 22), or from Pins 13, 14, and 15 (the
attenuators are disabled, however, and will not pass a
signal). The input impedance at CD is typically 90 k
Ω,
has a threshold of
≈1.5 volts, and the voltage at this
pin must be kept within the range of ground and VCC.
If CD is not used, the pin should be grounded.
PIN DESCRIPTION
Pin No
Designation
Description
1
FO
Filter output. Output impedance is less than 50
Ω.
2
FI
Filter input. Input impedance is greater than 1.0 M
Ω.
3
CD
Chip Disable. A logic low (<0.8 V) sets normal operation. A logic high (>2.0 V)
disables the IC to conserve power. Input impedance is nominally 90 K
Ω.
4
VCC
A supply voltage of +2.8 to +6.5 Volts is required, at
≈5.0 mA. As V
CC falls from 3.5
to 2.8 Volts, an AGC circuit reduces the receive attenuator gain by
≈25 dB (when in
the receive mode).
5
HTO+
Output of the second hybrid amplifier. The gain is internally set at -1.0 to provide a
differential output, in conjunction with HTO-, to the hybrid transformer.
6
HTO-
Output of the first hybrid amplifier. The gain of the amp is set by external resistors.
7
HTI
Input and summing node for the first hybrid amplifier. DC level is
≈V
B.
8
TXO
Output of the transmit attenuator. DC level is approximately VB.
9
TXI
Input to the transmit attenuator. Max. signal level is 350 mVrms. Input impedance is
≈10 KΩ.
10
MCO
Output of the microphone amplifier. The gain of the amplifier is set by external
resistors.
11
MCI
Input and summing node of the microphone amplifier. DC level is
≈V
B.
(continued)
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com