Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL34118D Datasheet(PDF) 11 Page - System Logic Semiconductor

Part # SL34118D
Description  Voice Switched Speakerphone Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL34118D Datasheet(HTML) 11 Page - System Logic Semiconductor

Back Button SL34118D Datasheet HTML 4Page - System Logic Semiconductor SL34118D Datasheet HTML 5Page - System Logic Semiconductor SL34118D Datasheet HTML 6Page - System Logic Semiconductor SL34118D Datasheet HTML 7Page - System Logic Semiconductor SL34118D Datasheet HTML 8Page - System Logic Semiconductor SL34118D Datasheet HTML 9Page - System Logic Semiconductor SL34118D Datasheet HTML 10Page - System Logic Semiconductor SL34118D Datasheet HTML 11Page - System Logic Semiconductor SL34118D Datasheet HTML 12Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SL34118
System Logic
Semiconductor
SLS
ELECTRICAL CHARACTERISTICS(T
A = -25 to +70
°C, V
CC = 5.0 V , CD = 0.8 V, unless noted)
Symbol
Parameter
Test Conditions
Guaranteed
Limits
Unit
Min
Max
HYBRID AMPLIFIERS
HVOS
HTO - Offset
VHTO- - VB,
Freedback R= 51 K
Ω
VB - 25
VB +25
mV
HBVOS
HTO - to HTO+ Offset
Freedback R= 51 K
Ω
VB - 37
VB +37
mV
AVOLH
Open Loop Gain
HTI to HTO-, f = 100 Hz,
VHTI = 20 mV
57
-
dB
AVCLH
Closed Loop Gain
HTO- to HTO+
-2.8
2.2
dB
VHT-H
HTO- High Voltage
IOUT=-5.0 mA, VHTI=VB -1.0 V
2.8
-
V
VHT-L
HTO- Low Voltage
IOUT=5.0 mA, VHTI=VB +1.5 V
-
375
mV
VHT+H
HTO+ High Voltage
IOUT=-5.0 mA,VHTI=VB +1.5 V
2.8
-
V
VHT+L
HTO+ Low Voltage
IOUT=5.0 mA, VHTI=VB -1.0 V
-
562
mV
LEVEL DETECTORS AND BACKGROUND NOISE MONITORS
ITH
*
Transmit-Recieve Switching
Threshold
Ratio of Current at RLI1 + RLI2 to
20
µA at TLI1 + TLI2 to switch
from Tx to Rx
0.8
1.2
FILTER
FOVOS
Voltage Offset at FO
VFO -VB, 220 K
Ω from V
B to FI
VB-250
VB +25
mV
IFO
FO Sink Current
VB = VFO, VFI = 0 V
112
500
µA
Note. 1. All currents into a device pin are positive, those out of a pin are negative. Algebraic convention rather
than magnitude is used to define limits.
* @25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com