Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL358N Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL358N
Description  Low Power Dual Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL358N Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL358N Datasheet HTML 1Page - System Logic Semiconductor SL358N Datasheet HTML 2Page - System Logic Semiconductor SL358N Datasheet HTML 3Page - System Logic Semiconductor SL358N Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL358
System Logic
Semiconductor
SLS
Low Power Dual Operational
Amplifier
The SL358 contains two independent high gain operational
amplifiers with internal frequency compensation. The two op-amps
operate over a wide voltage range from a single power supply. Also
use a split power supply. The device has low power supply current
drain, regardless of the power supply voltage. The low power drain
also makes the SL358 a good choice for battery operation.
When your project calls for a traditional op-amp function, now you
can streamline your design with a simple single power supply. Use
ordinary +5VDC common to practically any digital system or personal
computer application, without requiring an extra 15V power supply just
to have the interface electronics you need.
The SL358 is a versatile, rugged workhorse with a thousand-and-
one uses, from amplifying signals from a variety of transducers to dc
gain blocks, or any op-amp function. The attached pages offer some recipes that will have your project cooking
in no time.
•
Internally frequency compensated for unity gain
•
Large DC voltage gain: 100dB
•
Wide power supply range:
3V ~ 32V (or
±1.5V ~ ±16V)
•
Input common-mode voltage range includes ground
•
Large output voltage swing: 0V DC to VCC-1.5V DC
•
Power drain suitable for battery operation
•
Low input offset voltage and offset current
•
Differential input voltage range equal to the power supply voltage
ORDERING INFORMATION
SL358N Plastic
SL358D SOIC
TA = 0
° to 70° C
for all packages.
LOGIC DIAGRAM
PIN 4 = GND
PIN 8=VCC
PIN ASSIGNMENT


Similar Part No. - SL358N

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL35 BILIN-SL35 Datasheet
539Kb / 4P
Schottky Barrier Rectifiers
Rev.B
logo
DAESAN ELECTRONIC CORP.
SL35 DAESAN-SL35 Datasheet
495Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
500MHz 75dB Logarithmic/Limiting Amplifier
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
500MHz 75dB Logarithmic/Limiting Amplifier
logo
Mitel Networks Corporat...
SL3522AMC MITEL-SL3522AMC Datasheet
830Kb / 19P
500MHz 75dB Logarithmic/Limiting Amplifier
More results

Similar Description - SL358N

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
Low power dual operational amplifier
08-Apr-2008
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
Low-power, dual operational amplifier
November 2015 Rev 2
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
Low power dual operational amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_V01 Datasheet
1Mb / 28P
Low-power dual operational amplifier
02-Aug-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com