Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL393D Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL393D
Description  Low Power Low Offset Voltage Dual Comparators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL393D Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL393D Datasheet HTML 1Page - System Logic Semiconductor SL393D Datasheet HTML 2Page - System Logic Semiconductor SL393D Datasheet HTML 3Page - System Logic Semiconductor SL393D Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL393
System Logic
Semiconductor
SLS
Low Power Low Offset Voltage Dual Comparators
The SL393 consists of two independent precision voltage
comparators with an offset voltage specification as low as 2.0 mV max
for two comparators which were designed specifically to operate from a
single power supply over a wide range of voltages.
Application areas include limit comparators, simple analog to digital
converters; pulse, squarewave and time dela y generators; wide range
VCO; MOS clock timers; multivibrators and high voltage digital logic
gates.
•
Single or Split Supply Operation
•
Low Input Bias Current
•
Low Input Offset Current
•
Input Common Mode Voltage Range to Gnd
•
Low Output Saturation Voltage
•
TTL and CMOS Compatible
ORDERING INFORMATION
SL393N Plastic
SL393D SOIC
TA = 0
° to 70° C for all packages.
LOGIC DIAGRAM
PIN 8 = VCC
PIN 4 = GND
PIN ASSIGNMENT


Similar Part No. - SL393D

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL39 BILIN-SL39 Datasheet
547Kb / 4P
Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
SL39A GOOD-ARK-SL39A Datasheet
200Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Galaxy Semi-Conductor H...
SL39A BILIN-SL39A Datasheet
64Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
First Silicon Co., Ltd
SL39A FS-SL39A Datasheet
167Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
GOOD-ARK Electronics
SL39B GOOD-ARK-SL39B Datasheet
210Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SL393D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com