Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4017BD Datasheet(PDF) 5 Page - System Logic Semiconductor

Part # SL4017BD
Description  Counter/Divider
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4017BD Datasheet(HTML) 5 Page - System Logic Semiconductor

  SL4017BD Datasheet HTML 1Page - System Logic Semiconductor SL4017BD Datasheet HTML 2Page - System Logic Semiconductor SL4017BD Datasheet HTML 3Page - System Logic Semiconductor SL4017BD Datasheet HTML 4Page - System Logic Semiconductor SL4017BD Datasheet HTML 5Page - System Logic Semiconductor SL4017BD Datasheet HTML 6Page - System Logic Semiconductor SL4017BD Datasheet HTML 7Page - System Logic Semiconductor SL4017BD Datasheet HTML 8Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SL4017B
System Logic
Semiconductor
SL
S
AC ELECTRICAL CHARACTERISTICS(CL=50pF, RL=200kΩ, Input tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥
-55°C
25°C
≤
125°
C
Unit
fmax
Maximum Clock Frequency
5.0
10
15
2.5
5
5.5
2.5
5
5.5
1.25
2.5
2.75
MHz
tPLH, tPHL Maximum Propagation Delay, Clock to
Decode Output (Figure 1)
5.0
10
15
650
270
170
650
270
170
1300
540
340
ns
tPLH, tPHL Maximum Propagation Delay, Clock to
Carry Output (Figure 1)
5.0
10
15
600
250
160
600
250
160
1200
500
320
ns
tTLH, tTHL Maximum Output Transition Time,
Carry Output or Decode Output (Figure
1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
tPLH, tPHL Maximum Propagation Delay, Reset to
Carry Output or Decode Output (Figure
1)
5.0
10
15
530
230
170
530
230
170
1060
460
340
ns
CIN
Maximum Input Capacitance
-
5
pF
TIMING REQUIREMENTS (VCC=5.0V±10%, CL=50pF, Input tr=tf=20 ns, RL=200kΩ )
VCC
Guaranteed Limit
Symbol
Parameter
V
≥
-55°C
25°C
≤
125°
C
Unit
tw
Minimum Pulse Width, Clock (Figure 1) 5.0
10
15
200
90
60
200
90
60
400
180
120
ns
tr, tf
Maximum Input Rise and Fall Times,
Clock (Figure 1)
5.0
10
15
UNLIMITED
µ
s
tw
Minimum Pulse Width, Reset (Figure
1)
5.0
10
15
260
110
60
260
110
60
520
220
120
ns
trem
Minimum Removal Time, Reset
(Figure 1)
5.0
10
15
400
280
150
400
280
150
800
560
300
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com