Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4017BD Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL4017BD
Description  Counter/Divider
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4017BD Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL4017BD Datasheet HTML 1Page - System Logic Semiconductor SL4017BD Datasheet HTML 2Page - System Logic Semiconductor SL4017BD Datasheet HTML 3Page - System Logic Semiconductor SL4017BD Datasheet HTML 4Page - System Logic Semiconductor SL4017BD Datasheet HTML 5Page - System Logic Semiconductor SL4017BD Datasheet HTML 6Page - System Logic Semiconductor SL4017BD Datasheet HTML 7Page - System Logic Semiconductor SL4017BD Datasheet HTML 8Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SL4017B
System Logic
Semiconductor
SL
S
Counter/Divider
High-Voltage Silicon-Gate CMOS
The SL4017B is 5-stage Johnson counter having 10
decoded outputs. Inputs include a CLOCK, a RESET, and a
CLOCK INHIBIT signal. Schmitt trigger action in the
CLOCK input circuit provides pulse shaping that allows
unlimited clock input pulse rise and fall times.
The counter is advanced one count at the positive
clock signal transition if the CLOCK INHIBIT signal is
low. Counter advancement via the clock line is inhibited
when the CLOCK INHIBIT signal is high. A high RESET
signal clears the counter to its zero count. Use of the
Johnson counter configuration permits high-speed
operation, 2-input decode-gating and spike-free decoded
outputs. Anti-lock gating is provided, thus assuring proper
counting sequence. The decoded outputs are normally low
and go high only at their respective decoded time slot.
Each decoded output remains high for one full clock cycle.
A CARRY-OUT signal completes one cycle every 10 clock
input cycles in the SL4017B.
•
Operating Voltage Range: 3.0 to 18 V
•
Maximum input current of 1 µA at 18 V over full
package-temperature range; 100 nA at 18 V and 25°C
•
Noise margin (over full package
temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
ORDERING INFORMATION
SL4017BN Plastic
SL4017BD SOIC
TA = -55° to 125° C for all
packages
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND


Similar Part No. - SL4017BD

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4011B SLS-SL4011B Datasheet
30Kb / 4P
Quad 2-Input NAND Gate
SL4011BD SLS-SL4011BD Datasheet
30Kb / 4P
Quad 2-Input NAND Gate
SL4011BN SLS-SL4011BN Datasheet
30Kb / 4P
Quad 2-Input NAND Gate
SL4012B SLS-SL4012B Datasheet
30Kb / 4P
Dual 4-Input NAND Gate
SL4012BD SLS-SL4012BD Datasheet
30Kb / 4P
Dual 4-Input NAND Gate
More results

Similar Description - SL4017BD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4017 STMICROELECTRONICS-M54HC4017 Datasheet
258Kb / 12P
DECADE COUNTER/DIVIDER
Oct-1992
M54HC4022 STMICROELECTRONICS-M54HC4022 Datasheet
256Kb / 12P
OCTAL COUNTER/DIVIDER
Oct-1992
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP Datasheet
277Kb / 6P
DECADE COUNTER/DIVIDER
logo
Hitachi Semiconductor
HD14017B HITACHI-HD14017B Datasheet
102Kb / 8P
Decade Counter/Divider
HD14022B HITACHI-HD14022B Datasheet
87Kb / 6P
Octal Counter/Divider
HD74HC4017 HITACHI-HD74HC4017 Datasheet
50Kb / 8P
Decade Counter/Divider
logo
STMicroelectronics
M74HC4017 STMICROELECTRONICS-M74HC4017 Datasheet
375Kb / 12P
DECADE COUNTER/DIVIDER
Aug-2001
logo
KODENSHI_AUK CORP.
KK4017B KODENSHI-KK4017B Datasheet
346Kb / 7P
Counter/Divider
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP_07 Datasheet
387Kb / 9P
Decade Counter/Divider
logo
Renesas Technology Corp
HD74HC4017 RENESAS-HD74HC4017 Datasheet
116Kb / 11P
Decade Counter / Divider
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com