Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4022 Datasheet (PDF) - STMicroelectronics

M54HC4022 Datasheet PDF - STMicroelectronics
Part # M54HC4022
Download  M54HC4022 Download
File Size   256.18 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL COUNTER/DIVIDER

M54HC4022 Datasheet (PDF)

Go To PDF Page Download Datasheet
M54HC4022 Datasheet PDF - STMicroelectronics

Part # M54HC4022
Download  M54HC4022 Click to download

File Size   256.18 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL COUNTER/DIVIDER

M54HC4022 Datasheet (HTML) - STMicroelectronics


M54HC4022 Product details

DESCRIPTION

The M54/74HC4022 is a high speed CMOSOCTAL COUNTER/DIVIDER fabricated in silicon gate C2MOS technology.

It has the same high speed performance of LSTTL combined with true CMOS low power consumption.



■ HIGH SPEED

   fMAX = 57 MHz (TYP.) at VCC = 5 V

■ LOW POWER DISSIPATION

   ICC 4 µA (MAX.) at TA = 25 °C

■ HIGH NOISE IMMUNITY

   VNIH = VNIL = 28 % VCC (MIN.)

■ OUTPUT DRIVE CAPABILITY

   10 LSTTL LOADS

■ SYMMETRICAL OUTPUT IMPEDANCE

   |IOH| = IOL = 4 mA (MIN.)

■ BALANCED PROPAGATION DELAYS

   tPLH = tPHL

■ WIDE OPERATING VOLTAGE RANGE

   VCC (OPR) = 2 V to 6 V

■ PIN AND FUNCTION COMPATIBLE WITH 4022B



 




Similar Part No. - M54HC4022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4020 STMICROELECTRONICS-M54HC4020 Datasheet
265Kb / 13P
HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
Mar-1993
M54HC4020 STMICROELECTRONICS-M54HC4020 Datasheet
332Kb / 11P
RAD-HARD 14 STAGE BINARY COUNTER
10-May-2004
M54HC4020 STMICROELECTRONICS-M54HC4020 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4020B1R STMICROELECTRONICS-M54HC4020B1R Datasheet
265Kb / 13P
HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
Mar-1993
M54HC4020C1R STMICROELECTRONICS-M54HC4020C1R Datasheet
265Kb / 13P
HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
Mar-1993
More results


Similar Description - M54HC4022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4017 STMICROELECTRONICS-M54HC4017 Datasheet
258Kb / 12P
DECADE COUNTER/DIVIDER
Oct-1992
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP Datasheet
277Kb / 6P
DECADE COUNTER/DIVIDER
logo
System Logic Semiconduc...
SL4017B SLS-SL4017B Datasheet
68Kb / 8P
Counter/Divider
logo
Hitachi Semiconductor
HD14017B HITACHI-HD14017B Datasheet
102Kb / 8P
Decade Counter/Divider
HD14022B HITACHI-HD14022B Datasheet
87Kb / 6P
Octal Counter/Divider
HD74HC4017 HITACHI-HD74HC4017 Datasheet
50Kb / 8P
Decade Counter/Divider
logo
STMicroelectronics
M74HC4017 STMICROELECTRONICS-M74HC4017 Datasheet
375Kb / 12P
DECADE COUNTER/DIVIDER
Aug-2001
logo
KODENSHI_AUK CORP.
KK4017B KODENSHI-KK4017B Datasheet
346Kb / 7P
Counter/Divider
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP_07 Datasheet
387Kb / 9P
Decade Counter/Divider
logo
Renesas Technology Corp
HD74HC4017 RENESAS-HD74HC4017 Datasheet
116Kb / 11P
Decade Counter / Divider
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com