Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4022 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M54HC4022
Description  OCTAL COUNTER/DIVIDER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4022 Datasheet(HTML) 3 Page - STMicroelectronics

  M54HC4022 Datasheet HTML 1Page - STMicroelectronics M54HC4022 Datasheet HTML 2Page - STMicroelectronics M54HC4022 Datasheet HTML 3Page - STMicroelectronics M54HC4022 Datasheet HTML 4Page - STMicroelectronics M54HC4022 Datasheet HTML 5Page - STMicroelectronics M54HC4022 Datasheet HTML 6Page - STMicroelectronics M54HC4022 Datasheet HTML 7Page - STMicroelectronics M54HC4022 Datasheet HTML 8Page - STMicroelectronics M54HC4022 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TIMING CHART
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
3, 2, 4, 7,
10, 1, 5, 11
Q0 to Q7
Decoded Outputs
6, 9
NC
Not Connected
12
CARRY
OUT
Carry Output (Active
LOW)
13
CE
Clock Input (HIGH to
LOW, Edge-triggered)
14
CLOCK
Clock Input (LOW to
HIGH, Edge-triggered)
15
CLEAR
Master reset Input
(Active HIGH)
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
IEC LOGIC SYMBOL
M54/ M74HC4022
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com