Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4022 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M54HC4022
Description  OCTAL COUNTER/DIVIDER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4022 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M54HC4022 Datasheet HTML 2Page - STMicroelectronics M54HC4022 Datasheet HTML 3Page - STMicroelectronics M54HC4022 Datasheet HTML 4Page - STMicroelectronics M54HC4022 Datasheet HTML 5Page - STMicroelectronics M54HC4022 Datasheet HTML 6Page - STMicroelectronics M54HC4022 Datasheet HTML 7Page - STMicroelectronics M54HC4022 Datasheet HTML 8Page - STMicroelectronics M54HC4022 Datasheet HTML 9Page - STMicroelectronics M54HC4022 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH
tPHL
Propagation Delay
Time (CLOCK -
Qn, CARRY)
2.0
71
160
200
240
ns
4.5
21
32
40
48
6.0
16
27
34
41
tPLH
tPHL
Propagation Delay
Time (CLEAR -
Qn, CARRY)
2.0
69
145
180
220
ns
4.5
19
29
36
44
6.0
15
25
31
38
fMAX
Maximum Clock
Frequency
2.0
6
11
5
4.2
ns
4.5
31
51
25
21
6.0
36
63
29
25
tW(H)
tW(L)
Minimum Pulse
Width (CLOCK)
2.0
20
75
95
110
ns
4.5
7
151922
6.0
4
131619
tW(H)
Minimum Pulse
Width (CLEAR)
2.0
19
75
95
110
ns
4.5
7
151922
6.0
3
13
16
198
ts
Minimum Set-Up
Time
2.0
9
0
0
0
ns
4.5
3
0
0
0
6.0
2.5
0
0
0
th
Minimum Hold
Time
2.0
13
75
95
110
ns
4.5
5
151922
6.0
4
131619
tREM
Minimum
Removal Time
2.0
13
50
65
75
ns
4.5
3
101315
6.0
2
9
11
13
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
53
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
M54/M74HC4022
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com