Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4022 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC4022
Description  OCTAL COUNTER/DIVIDER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4022 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC4022 Datasheet HTML 1Page - STMicroelectronics M54HC4022 Datasheet HTML 2Page - STMicroelectronics M54HC4022 Datasheet HTML 3Page - STMicroelectronics M54HC4022 Datasheet HTML 4Page - STMicroelectronics M54HC4022 Datasheet HTML 5Page - STMicroelectronics M54HC4022 Datasheet HTML 6Page - STMicroelectronics M54HC4022 Datasheet HTML 7Page - STMicroelectronics M54HC4022 Datasheet HTML 8Page - STMicroelectronics M54HC4022 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M54HC4022
M74HC4022
October 1992
OCTAL COUNTER/DIVIDER
B1R
(Plastic Package)
ORDER CODES :
M54HC4022F1R
M74HC4022M1R
M74HC4022B1R
M74HC4022C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
DESCRIPTION
.
HIGH SPEED
fMAX = 57 MHz (TYP.) at VCC =5 V
.
LOW POWER DISSIPATION
ICC 4
µA (MAX.) at TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V to 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 4022B
The M54/74HC4022 is a high speed CMOS OCTAL
COUNTER/DIVIDER fabricated in silicon gate
C
2MOS technology.
It has the same high speed performance of LSTTL
combined with true CMOS low power consumption.
It contains a 4-stage divide-by-8 Johnson counter
with 8 decoded outputs (Q0-Q7) and a Carry-out bit.
This counter is advanced on the positive edge of the
clock signal when CLOCK ENABLE input is held
low, or is advanced on the negative edge of clock
enable signal when CLOCK input is held high, and
the selected one of eight outputs goes high. Holding
the CLEAR input high clears the counter to zero re-
gardless of the other input conditions. All inputs are
equipped with protection circuits against static dis-
charge and transient excess voltage.
1/12


Similar Part No. - M54HC4022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4020 STMICROELECTRONICS-M54HC4020 Datasheet
265Kb / 13P
HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
Mar-1993
M54HC4020 STMICROELECTRONICS-M54HC4020 Datasheet
332Kb / 11P
RAD-HARD 14 STAGE BINARY COUNTER
10-May-2004
M54HC4020 STMICROELECTRONICS-M54HC4020 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4020B1R STMICROELECTRONICS-M54HC4020B1R Datasheet
265Kb / 13P
HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
Mar-1993
M54HC4020C1R STMICROELECTRONICS-M54HC4020C1R Datasheet
265Kb / 13P
HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
Mar-1993
More results

Similar Description - M54HC4022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4017 STMICROELECTRONICS-M54HC4017 Datasheet
258Kb / 12P
DECADE COUNTER/DIVIDER
Oct-1992
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP Datasheet
277Kb / 6P
DECADE COUNTER/DIVIDER
logo
System Logic Semiconduc...
SL4017B SLS-SL4017B Datasheet
68Kb / 8P
Counter/Divider
logo
Hitachi Semiconductor
HD14017B HITACHI-HD14017B Datasheet
102Kb / 8P
Decade Counter/Divider
HD14022B HITACHI-HD14022B Datasheet
87Kb / 6P
Octal Counter/Divider
HD74HC4017 HITACHI-HD74HC4017 Datasheet
50Kb / 8P
Decade Counter/Divider
logo
STMicroelectronics
M74HC4017 STMICROELECTRONICS-M74HC4017 Datasheet
375Kb / 12P
DECADE COUNTER/DIVIDER
Aug-2001
logo
KODENSHI_AUK CORP.
KK4017B KODENSHI-KK4017B Datasheet
346Kb / 7P
Counter/Divider
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP_07 Datasheet
387Kb / 9P
Decade Counter/Divider
logo
Renesas Technology Corp
HD74HC4017 RENESAS-HD74HC4017 Datasheet
116Kb / 11P
Decade Counter / Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com