Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF3JB Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # UF3JB
Description  Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

UF3JB Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  UF3JB Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd UF3JB Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.7± 0.25
1.3± 0.2
0.2± 0.05
5.4± 0.2
Low cost
Low leakage
Low forward voltage drop
High current capability
Case:JEDEC DO-214AA,molded plastic
Polarity: Color band denotes cathode
Weight: 0.003 ounces,0.093 grams
Mounting position: Any
Ratings at 25
 ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UF3DB UF3GB UF3JB UF3KB UF3MB
UD
UG
UJ
UK
UM
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
V
DC
200
400
600
800
1000
V
Maximum average forw ard rectified current
@T
L=90
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage at3.0 A
VF
1.4
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical reverse recovery time
(Note1)
t
rr
ns
Typical junction capacitance
(Note2)
C
J
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
75
15
12
IR
2. Measured at 1.0MHZ and applied rev erse v oltage of 4.0V DC.
1.0
15
500
50
VOLTAGE RANGE: 50 --- 1000 V
CURRENT:
3.0 A
- 55 ---- + 150
35
DO-214AA(SMB)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
The plastic material carries U/L recognition 94V-0
100
50
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
A
A
10
Easily cleaned with Alcohol,Isopropanol
and similar solvents
I
F(AV)
3.0
70
UNITS
- 55 ---- + 150
UF3AB UF3BB
50
100
A
100
IFSM
1.7
Device marking code
UA
UB
Dimensions in millimeters
UF3AB-UF3MB
Surface Mount Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - UF3JB

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
UF3JB YEASHIN-UF3JB Datasheet
47Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 to 1000 Volts CURR ENT - 3.0 Amperes
logo
Diode Semiconductor Kor...
UF3JB DSK-UF3JB Datasheet
93Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SUNMATE electronic Co.,...
UF3JB SUNMATE-UF3JB Datasheet
576Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
SAMYANG ELECTRONICS CO....
UF3JB SAMYANG-UF3JB Datasheet
460Kb / 2P
SURFACE MOUNT RECTIFIERS
More results

Similar Description - UF3JB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com