Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF3JB Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # UF3JB
Description  Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

UF3JB Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  UF3JB Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd UF3JB Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
4
6
10
20
40
60
100
200
0.1 0.2
0.4
1
2
4
10
40
100
20
     TJ=25
UF3AB-UF3GB
UF3JB-UF3MB
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M .22pF.
JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SET TIME BASE FOR 20/30 ns/cm
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
z
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
FIG.5 -- PEAK FORWARD SURGE CURRENT
LEAD TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
-1.0A
-0.25A
0
+0.5A
trr
1cm
0
0.01
0.1
1.0
10
100
0.2
0.4 0.6 0.8 1
1.2 1.4 1.6 1.8
2
50\100\200V
600\800\1000V
TJ=25
Pulse Width=300
µS
400V
0
1
10
100
5
8.3ms Single Half
Sine-Wave
50
50
100
1
2
3
4
5
0
25
50
75
100
125
150
SinglePhase
Half Wave 60HZ
Resistive or
InductiveLoad
0
175
UF3AB-UF3MB
Surface Mount Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com