Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4028BN Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL4028BN
Description  BCD-to-Decimal Decoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4028BN Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL4028BN Datasheet HTML 1Page - System Logic Semiconductor SL4028BN Datasheet HTML 2Page - System Logic Semiconductor SL4028BN Datasheet HTML 3Page - System Logic Semiconductor SL4028BN Datasheet HTML 4Page - System Logic Semiconductor SL4028BN Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SL4028B
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, RL=200k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tPHL, tPLH
Maximum Propagation Delay, Input A to Output
Y (Figure 1)
5.0
10
15
350
160
120
350
160
120
700
320
240
ns
tTHL, tTLH
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
FUNCTION TABLE
Inputs
Outputs
A3
A2
A1
A0
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
L
L
L
L
H
L
L
L
L
L
L
L
L
L
L
L
L
H
L
H
L
L
L
L
L
L
L
L
L
L
H
L
L
L
H
L
L
L
L
L
L
L
L
L
H
H
L
L
L
H
L
L
L
L
L
L
L
H
L
L
L
L
L
L
H
L
L
L
L
L
L
H
L
H
L
L
L
L
L
H
L
L
L
L
L
H
H
L
L
L
L
L
L
L
H
L
L
L
L
H
H
H
L
L
L
L
L
L
L
H
L
L
H
L
L
L
L
L
L
L
L
L
L
L
H
L
H
L
L
H
L
L
L
L
L
L
L
L
L
H
H
L
H
L
L
L
L
L
L
L
L
L
L
L
H
L
H
H
L
L
L
L
L
L
L
L
L
L
H
H
L
L
L
L
L
L
L
L
L
L
L
L
H
H
L
H
L
L
L
L
L
L
L
L
L
L
H
H
H
L
L
L
L
L
L
L
L
L
L
L
H
H
H
H
L
L
L
L
L
L
L
L
L
L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com