Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4028BN Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL4028BN
Description  BCD-to-Decimal Decoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4028BN Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL4028BN Datasheet HTML 1Page - System Logic Semiconductor SL4028BN Datasheet HTML 2Page - System Logic Semiconductor SL4028BN Datasheet HTML 3Page - System Logic Semiconductor SL4028BN Datasheet HTML 4Page - System Logic Semiconductor SL4028BN Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL4028B
System Logic
Semiconductor
SLS
BCD-to-Decimal Decoder
High-Voltage Silicon-Gate CMOS
The SL4028B types are BCD-to-decimal or binary-to-octal decoders
consisting of buffering on all 4 inputs, decoding-logic gates, and 10
output buffers. A BCD code applied to the four inputs, A0 to A3
results in a high level at the selected one of 10 decimal decoded
outputs. Similarly, a 3-bit binary code applied to inputs A0 through A2
is decoded in octal code at output 0 to7 if A3=“0”. High drive
capability is provided at all outputs to enhance dc and dynamic
performance in high fan-out applications.
• BCD-to-decimal decoding or binary-to-octal decoding
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
ORDERING INFORMATION
SL4028BN Plastic
SL4028BD SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 16=VCC
PIN 8= GND


Similar Part No. - SL4028BN

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
SL4020BD SLS-SL4020BD Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
SL4020BN SLS-SL4020BN Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
SL4023B SLS-SL4023B Datasheet
30Kb / 4P
Triple 3-Input NAND Gate
SL4023BD SLS-SL4023BD Datasheet
30Kb / 4P
Triple 3-Input NAND Gate
More results

Similar Description - SL4028BN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
BCD - TO -DECIMAL DECODER
logo
Rohm
BU4028B ROHM-BU4028B Datasheet
64Kb / 6P
BCD-to-decimal decoder
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
BCD-to-Decimal Decoder
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
BCD to Decimal Decoder
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
BCD-TO-DECIMAL DECODER
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
BCD-to-Decimal Decoder
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
BCD to decimal decoder
Rev. 10 - 7 December 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com