Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP818ZXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2DP818ZXC
Description  1:8 Clock Fanout Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP818ZXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2DP818ZXC Datasheet HTML 1Page - Cypress Semiconductor CY2DP818ZXC Datasheet HTML 2Page - Cypress Semiconductor CY2DP818ZXC Datasheet HTML 3Page - Cypress Semiconductor CY2DP818ZXC Datasheet HTML 4Page - Cypress Semiconductor CY2DP818ZXC Datasheet HTML 5Page - Cypress Semiconductor CY2DP818ZXC Datasheet HTML 6Page - Cypress Semiconductor CY2DP818ZXC Datasheet HTML 7Page - Cypress Semiconductor CY2DP818ZXC Datasheet HTML 8Page - Cypress Semiconductor CY2DP818ZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY2DP818
Document Number: 38-07061 Rev. *D
Page 5 of 13
Maximum Ratings
Exceeding maximum ratings [1] may shorten the useful life of the
device. These user guidelines are not tested.
Storage Temperature: .............................. –65
C to +150 C
Ambient Temperature: ............................... –40
C to +85 C
Supply Voltage to Ground Potential
(Inputs and VDD only) ....................................–0.3 V to 4.6 V
Supply Voltage to Ground Potential
(Outputs only) ..................................... –0.3 V to VDD + 0.3 V
DC Input Voltage ................................ –0.3 V to VDD + 0.3 V
DC Output Voltage .............................. –0.3 V to VDD + 0.9 V
Power Dissipation ...................................................... 0.75 W
Table 3. Power Supply Characteristics
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
ICC
Dynamic Power Supply Current VDD = Max
Input toggling 50% Duty Cycle,
Outputs Open
–1.5
2.0
mA
IC
Total Power Supply Current
VDD = Max
Input toggling 50% Duty Cycle,
Outputs 50 ohms
fL = 100 MHz
––
350
mA
IC(Core)
Core current when output loads
are disabled
VDD = Max
Input toggling 50% Duty Cycle,
Outputs not connected to VTT
fL = 100 MHz
––
50
mA
Note
1. Stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. This is intended to be a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com