Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP818ZXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY2DP818ZXC
Description  1:8 Clock Fanout Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP818ZXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY2DP818ZXC Datasheet HTML 5Page - Cypress Semiconductor CY2DP818ZXC Datasheet HTML 6Page - Cypress Semiconductor CY2DP818ZXC Datasheet HTML 7Page - Cypress Semiconductor CY2DP818ZXC Datasheet HTML 8Page - Cypress Semiconductor CY2DP818ZXC Datasheet HTML 9Page - Cypress Semiconductor CY2DP818ZXC Datasheet HTML 10Page - Cypress Semiconductor CY2DP818ZXC Datasheet HTML 11Page - Cypress Semiconductor CY2DP818ZXC Datasheet HTML 12Page - Cypress Semiconductor CY2DP818ZXC Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CY2DP818
Document Number: 38-07061 Rev. *D
Page 10 of 13
Package Drawing and Dimensions
Figure 6. 38-pin TSSOP (9.7 × 4.4 × 1.1 mm) Z3817 / ZZ3817 Package Outline, 51-85151
51-85151 *C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com