Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1321 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1321
Description  Flexible Nonvolatile Controller with Lithium Battery Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1321 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1321 Datasheet HTML 5Page - Maxim Integrated Products DS1321 Datasheet HTML 6Page - Maxim Integrated Products DS1321 Datasheet HTML 7Page - Maxim Integrated Products DS1321 Datasheet HTML 8Page - Maxim Integrated Products DS1321 Datasheet HTML 9Page - Maxim Integrated Products DS1321 Datasheet HTML 10Page - Maxim Integrated Products DS1321 Datasheet HTML 11Page - Maxim Integrated Products DS1321 Datasheet HTML 12Page - Maxim Integrated Products DS1321 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
DS1321
13 of 13
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim
reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, Inc. 160 Rio Robles, San Jose, CA 95134 USA 1-408-601-1000
© 2012 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
DATA SHEET REVISION SUMMARY
The following represent the key differences between 03/26/96 and 06/12/97 version of the DS1321 data
sheet. Please review this summary carefully.
1.
Changed ICCO1 from 200 to 185 mA max
2.
Changed ICCO2 from 350 to 260 mA max
3.
Changed VBTP from 2.55 - 2.65V to 2.50 - 2.70V
4.
Changed RIM from 1.0 typ to 1.2 MΩ and 1.4 max to 1.5 MΩ
5.
Changed tPD from 5 typ, 15 max to 12 typ, 20 max
6.
Changed tRPO units from ns to µs
7.
Changed block diagram to show U.L. compliance
The following represent the key differences between 06/12/97 and 09/29/97 version of the DS1321 data
sheet. Please review this summary carefully.
1.
Changed AC test conditions
The following represent the key differences between 09/29/97 and 12/12/97 version of the DS1321 data
sheet. Please review this summary carefully.
1.
Removed preliminary from title bar.
2.
Specified which inputs and outputs are relevant for CIN and COUT specs. This is not a change, just
a clarification.
The following represent the key differences between 12/12/97 and 6/12 version of the DS1321 data sheet.
Please review this summary carefully.
1.
Replace logo and clarify package types.
2.
Update ordering, soldering, and package information; add package thermal data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com