Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1321 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1321
Description  Flexible Nonvolatile Controller with Lithium Battery Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1321 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1321 Datasheet HTML 1Page - Maxim Integrated Products DS1321 Datasheet HTML 2Page - Maxim Integrated Products DS1321 Datasheet HTML 3Page - Maxim Integrated Products DS1321 Datasheet HTML 4Page - Maxim Integrated Products DS1321 Datasheet HTML 5Page - Maxim Integrated Products DS1321 Datasheet HTML 6Page - Maxim Integrated Products DS1321 Datasheet HTML 7Page - Maxim Integrated Products DS1321 Datasheet HTML 8Page - Maxim Integrated Products DS1321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS1321
2 of 13
DESCRIPTION
The DS1321 Flexible Nonvolatile Controller with Lithium Battery Monitor is a CMOS circuit which
solves the application problem of converting CMOS SRAMs into nonvolatile memory. Incoming power
is monitored for an out-of-tolerance condition. When such a condition is detected, chip enable outputs are
inhibited to accomplish write protection and the battery is switched on to supply the SRAMs with
uninterrupted power. Special circuitry uses a low-leakage CMOS process which affords precise voltage
detection at extremely low battery consumption. One DS1321 can support as many as four SRAMs
arranged in any of three memory configurations.
In addition to battery-backup support, the DS1321 performs the important function of monitoring the
remaining capacity of the lithium battery and providing a warning before the battery reaches end-of-life.
Because the open-circuit voltage of a lithium backup battery remains relatively constant over the majority
of its life, accurate battery monitoring requires loaded-battery voltage measurement. The DS1321
performs such measurement by periodically comparing the voltage of the battery as it supports an internal
resistive load with a carefully selected reference voltage. If the battery voltage falls below the reference
voltage under such conditions, the battery will soon reach end-of-life. As a result, the Battery Warning
pin is activated to signal the need for battery replacement.
MEMORY BACKUP
The DS1321 performs all the circuit functions required to provide battery-backup for as many as four
SRAMs. First, the device provides a switch to direct power from the battery or the system power supply
(VCCI). Whenever VCCI is less than the VCCTP trip point and VCCI is less than the battery voltage VBAT, the
battery is switched in to provide backup power to the SRAM. This switch has voltage drop of less than
0.2 volts.
Second, the DS1321 handles power failure detection and SRAM write-protection. VCCI is constantly
monitored, and when the supply goes out of tolerance, a precision comparator detects power failure and
inhibits the four chip enable outputs in order to write-protect the SRAMs. This is accomplished by
holding CEO1 through CEO4 to within 0.2 volts of VCCO when VCCI is out of tolerance. If any CEI is
active (low) at the time that power failure is detected, the corresponding CEO signal is kept low until the
CEI
signal is brought high again. Once the CEI signal is brought high, the CEO signal is taken high and
held high until after VCCI has returned to its nominal voltage level. If the CEI signal is not brought high
by 1.5 µs after power failure is detected, the corresponding CEO is forced high at that time. This specific
scheme for delaying write protection for up to 1.5 µs guarantees that any memory access in progress
when power failure occurs will complete properly. Power failure detection occurs in the range of 4.75 to
4.5 volts (5% tolerance) when the TOL pin is wired to GND or in the range of 4.5 to 4.25 volts (10%
tolerance) when TOL is connected to VCCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com