Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8024-RJX+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS8024-RJX+
Description  Smart Card Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8024-RJX+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS8024-RJX+ Datasheet HTML 1Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 2Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 3Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 4Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 5Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 6Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 7Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 8Page - Maxim Integrated Products DS8024-RJX+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Smart Card Interface
19-6220; Rev 3; 7/12
1
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The DS8024 smart card interface IC is a low-cost, analog
front-end for a smart card reader, designed for all ISO
7816, EMV®, and GSM11-11 applications. The DS8024
is a pin-for-pin drop-in replacement for the NXP
TDA8024 and is offered in 28-pin TSSOP and SO pack-
ages.
Applications requiring support for 1.8V smart cards or
requiring low power should consider the DS8113, which
achieves lower active- and stop-mode power with mini-
mal changes to application hardware and software.
Applications
Set-Top Box Conditional Access
Access Control
Banking Applications
POS Terminals
Debit/Credit Payment Terminals
PIN Pads
Automated Teller Machines
Telecommunications
Pay/Premium Television
Features
♦ Analog Interface and Level Shifting for IC Card
Communication
♦ ±8kV (min) ESD (IEC) Protection on Card
Interfaces
♦ Internal IC Card Supply-Voltage Generation:
5.0V ±5%, 80mA (max)
3.0V ±8%, 65mA (max)
♦ Automatic Card Activation and Deactivation
Controlled by Dedicated Internal Sequencer
♦ I/O Lines from Host Directly Level Shifted for
Smart Card Communication
♦ Flexible Card Clock Generation, Supporting
External Crystal Frequency Divided by 1, 2, 4, or 8
♦ High-Current, Short-Circuit and High-Temperature
Protection
Ordering Information
Note: Contact the factory for availability of other variants and
package options.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive-qualified part.
EMV is a registered trademark of EMVCo LLC. EMV Level 1 library and hardware reference design available. Contact factory for
details.
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device may be
simultaneously available through various sales channels. For information about device errata, go to: www.maxim-ic.com/errata.
PART
TEMP RANGE
PIN-PACKAGE
DS8024-RJX+
-40
°C to +85°C
28 TSSOP
DS8024-RJX/V+
-40
°C to +85°C
28 TSSOP
DS8024-RRX+
-40
°C to +85°C
28 SO
Selector Guide appears at end of data sheet.
PGND
28
27
26
25
24
23
22
AUX2IN
AUX1IN
I/OIN
XTAL2
TOP VIEW
DS8024
XTAL1
OFF
GND
21 VDD
20 RSTIN
19 CMDVCC
18 N.C.
17 VCC
16 RST
15 CLK
5V/3V
CLKDIV2
CLKDIV1
CP1
VDDA
VUP
PRES
PRES
I/O
AUX2
AUX1
4
1
2
3
5
6
7
8
9
10
11
12
13
14
CGND
CP2
SO/TSSOP
Pin Configuration


Similar Part No. - DS8024-RJX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8024-RJX+ MAXIM-DS8024-RJX+ Datasheet
308Kb / 15P
Smart Card Interface
Rev 2; 2/12
DS8024-RJX+ MAXIM-DS8024-RJX+ Datasheet
256Kb / 15P
Smart Card Interface
19-6220; Rev 4; 4/13
More results

Similar Description - DS8024-RJX+

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
SMART CARD INTERFACE
Dec-1992
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
Smart Card Interface
Rev 1; 2/08
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
Smart Card Interface
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
Smart Card Interface
logo
Maxim Integrated Produc...
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
Smart Card Interface
Rev 2; 2/12
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
Smart Card Interface
Rev 1; 4/13
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
Smart Card Interface
April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com