Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4541B Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL4541B
Description  Programmable Timer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4541B Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL4541B Datasheet HTML 1Page - System Logic Semiconductor SL4541B Datasheet HTML 2Page - System Logic Semiconductor SL4541B Datasheet HTML 3Page - System Logic Semiconductor SL4541B Datasheet HTML 4Page - System Logic Semiconductor SL4541B Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SL4541B
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, RL=200k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
fmax
Maximum Clock Frequency (Figure 1)
5.0
10
15
1.5
4
6
1.5
4
6
0.75
2
3
MHz
tPLH, tPHL
Maximum Propagation Delay,
Clock to Q (Figure 1)
(2
8)
5.0
10
15
10.5
3.8
2.9
10.5
3.8
2.9
21
7.6
5.8
ns
(2
16)
5.0
10
15
18
10
7.5
18
10
7.5
36
20
15
tTHL
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
tTLH
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
360
180
130
360
180
130
720
360
260
CIN
Maximum Input Capacitance
-
7.5
pF
TIMING REQUIREMENTS (C
L=50pF, RL=200k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
+25
° C
-40
° C
to +85
° C
Unit
tw
Minimum Pulse Width, Master Reset or Clock
(Figure 1)
5
10
15
900
300
225
1800
600
450
ns
tr,tf
Maximum Rise and Fall Time, Clock
(Figure 1)
5
10
15
Unlimited
µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com