Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4541B Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL4541B
Description  Programmable Timer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4541B Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL4541B Datasheet HTML 1Page - System Logic Semiconductor SL4541B Datasheet HTML 2Page - System Logic Semiconductor SL4541B Datasheet HTML 3Page - System Logic Semiconductor SL4541B Datasheet HTML 4Page - System Logic Semiconductor SL4541B Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL4541B
System Logic
Semiconductor
SLS
Programmable Timer
High-Performance Silicon-Gate CMOS
The SL4541 programmable timer consists of a 16-stage binary
counter, an oscillator that is controlled by external R-C components (2
resistors and a capacitor), an automatic power-on reset circuit, and
output control logic. The counter increments on positive-edge clock
transitons and can also be reset via the MASTER RESET input.
The output from this timer is the Q or not Q output from the 8th,
10th, 13th, or 16th counter stage. The desired stage is chosen using
time-select inputs A and B. The output is available in either of two
modes selectable via the MODE input, pin 10. When this MODE input
is a logic “1”,the output will be a continuous square wave having a
frequency equal to the oscillator frequency divided by 2
N. With the
MODE input set to logic ”0” and after a MASTER RESET is initiated,
the output (assuming Q output has been selected) changes from a low
to a high state after 2
N-1 counts and remains in that state until another
MASTER RESET pulse is applied or the MODE input is set to a logic
“1”.
Timing is initialized by setting the AUTO RESET input (pin 5) to logic “0”and turning power on. If pin 5 is set
to logic “1”, the AUTO RESET circuit is disabled and counting will not start untill after a positive MASTER
RESET pulse is applied and returns to a low level. The AUTO RESET consumes an appreciable amount of power
and should not be used if low-power operation is desired. For reliable automatic power-on reset, VCC should be
greater than 5V.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-temperature range; 100 nA at 18 V and 25°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
ORDERING INFORMATION
SL4541BN Plastic
SL4541BD SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
NC = NO CONNECTION
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PINS 4,11 = NO CONNECTION


Similar Part No. - SL4541B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
Strobed Hex Inverter/Buffer
SL4502BD SLS-SL4502BD Datasheet
42Kb / 5P
Strobed Hex Inverter/Buffer
SL4502BN SLS-SL4502BN Datasheet
42Kb / 5P
Strobed Hex Inverter/Buffer
SL4503B SLS-SL4503B Datasheet
38Kb / 5P
Hex Buffer
SL4503BD SLS-SL4503BD Datasheet
38Kb / 5P
Hex Buffer
More results

Similar Description - SL4541B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
Programmable Timer
logo
National Semiconductor ...
CD4541BC NSC-CD4541BC Datasheet
137Kb / 6P
Programmable Timer
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
Programmable Timer
April, 2006 ??Rev. 9
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
Programmable Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
PROGRAMMABLE TIMER
logo
SELEC Controls Pvt. Ltd
XT520 SELEC-XT520 Datasheet
134Kb / 2P
PROGRAMMABLE TIMER
XT532 SELEC-XT532 Datasheet
135Kb / 2P
PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com