Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4558 Datasheet(PDF) 3 Page - System Logic Semiconductor

Part # SL4558
Description  Dual Operational Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4558 Datasheet(HTML) 3 Page - System Logic Semiconductor

  SL4558 Datasheet HTML 1Page - System Logic Semiconductor SL4558 Datasheet HTML 2Page - System Logic Semiconductor SL4558 Datasheet HTML 3Page - System Logic Semiconductor SL4558 Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SL4558
System Logic
Semiconductor
SLS
ELECTRICAL CHARACTERISTICS(T
A = 0 to +70
°C, V+ = +15 V, V- = -15 V)
Symbol
Parameter
Test Conditions
Guaranteed Limits
Unit
Min
Typ
Max
VIO
Input Offset Voltage
RS
≤ 10 KΩ
± 5.0
mV
IIO
Input Offset Current
± 200
nA
IIB
Input Bias Current
- 500
nA
ri
Input Resistance
0.3
M
Ω
AV
Large-Signal Voltage Gain
RL
≥ 2 KΩ, V
C =
± 10 V
20
V/mV
VOM
Output Voltage Swing
RL
≥ 10 KΩ
± 12
V
RL
≥ 2 KΩ
± 10
V
VICR
Input Common-Mode Voltage
Range
± 12
V
CMRR
Common Mode Rejection
Ratio
RS
≤ 10 KΩ
70
dB
PSRR
Supply Voltage Rejection
Ratio
RS
≤ 10 KΩ
150
µV/V
I
+, I-
Supply Current
5.6
mA
SR
Slew Rate
RL = 2 K
Ω
V/
µs
PC
Power Consumption
RL =
∞
170
mW
VN
Input Noise Voltage
RS = 1 K
Ω
f = 30 Hz
∼ 30 KHz
2.5
µVrms
Isource
Sourse Current
- 20
mA
Isink
Sink Current
20
mA
TYPICAL PERFORMANCE CURVES
VOp-p - RL
PREQUENCY f (Hz)
LOAD RESISTANCE RL (k
Ω )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com