Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4558 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL4558
Description  Dual Operational Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4558 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL4558 Datasheet HTML 1Page - System Logic Semiconductor SL4558 Datasheet HTML 2Page - System Logic Semiconductor SL4558 Datasheet HTML 3Page - System Logic Semiconductor SL4558 Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL4558
System Logic
Semiconductor
SLS
Dual Operational Amplifiers
The SL4558 is dual general purpose operational amplifiers.
The high common-mode input voltage range and the absence of
latch-up make these amplifiers ideal for voltage follower application.
The devices are short circuit protected and the internal frequency
compensation ensures stability without external components.
• Short-Circuit Protection
• Wide common-mode and differential ranges
• No frequency compensation required
• Low power consumption
• No latch-up
• 3 MHz unity gain bandwidth guaranteed
• Gain and phase math between amplifiers
ORDERING INFORMATION
SL4558N Plastic
SL4558D SOIC
TA = 0
° to 70° C for
all packages
PIN ASSIGNMENT
LOGIC DIAGRAM
Pin 4 = Supply Voltage V-
Pin 8 = Supply Voltage V
+


Similar Part No. - SL4558

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
Strobed Hex Inverter/Buffer
SL4502BD SLS-SL4502BD Datasheet
42Kb / 5P
Strobed Hex Inverter/Buffer
SL4502BN SLS-SL4502BN Datasheet
42Kb / 5P
Strobed Hex Inverter/Buffer
SL4503B SLS-SL4503B Datasheet
38Kb / 5P
Hex Buffer
SL4503BD SLS-SL4503BD Datasheet
38Kb / 5P
Hex Buffer
More results

Similar Description - SL4558

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
Dual Operational Amplifiers
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
Dual Operational Amplifiers
logo
Texas Instruments
LM2904DE4 TI1-LM2904DE4 Datasheet
1Mb / 30P
DUAL OPERATIONAL AMPLIFIERS
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com