Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0520WS Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # B0520WS
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

B0520WS Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  B0520WS Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd B0520WS Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low forward voltage drop.
Guard ring construction for transient Protection.
High conductance.
surface mount schottky barrier rectifier.
Type No.
Marking
Package Code
B0520LWS
SD
SOD-323
B0530WS
SE
SOD-323
B0540WS
SF
SOD-323
MAXIMUM RATING @ Ta=25
℃ unless otherwise specified
Characteristic
Symbol
B0520WS
B0530WS
B0540WS Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Reverse Voltage
VRRM
VRWM
VR
20
30
40
V
RMS Reverse Voltage
VR(RMS)
14
21
28
V
Average Rectified Output Current
IO
0.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load
IFSM
5.5
A
Power Dissipation
Pd
250
mW
Typical Thermal Resistance Junction to Ambient
RθjA
244
℃/W
Operating and Storage Temperature Range
Tj,Tstg
-65 to +125
℃
Voltage Rate of Change
dv/dt
1000
V/
μs
B0520WS/B0530WS/B0540WS
Schottky Barrier Diode
Features
Applications
Ordering Information
SOD-323
Dimensions in inches and (millimeters)
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - B0520WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0520WS DIODES-B0520WS Datasheet
63Kb / 2P
0.4 amp Schottky Low Forward Voltage Rectifier: B0520WS -- First SOD-323 Rectifier Product
B0520WS DIODES-B0520WS Datasheet
83Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30235 Rev. 10 - 2
logo
Taiwan Semiconductor Co...
B0520WS TSC-B0520WS Datasheet
51Kb / 2P
0.5A Surface Mount Schottky Barrier Rectifier
B0520WS TSC-B0520WS Datasheet
243Kb / 2P
0.5AMP Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B0520WS DIODES-B0520WS Datasheet
110Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 12 - 2 June 2008
More results

Similar Description - B0520WS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com