Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL494 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL494
Description  PWM Control Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL494 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL494 Datasheet HTML 1Page - System Logic Semiconductor SL494 Datasheet HTML 2Page - System Logic Semiconductor SL494 Datasheet HTML 3Page - System Logic Semiconductor SL494 Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL494
System Logic
Semiconductor
SLS
PWM Control Circuit
The SL494 incorporates on a single monolithic chip all the
functions required in the construction of a pulse-width-modulation
control circuit. Designed primarily for power supply control, the SL494
contains an on-chip 5-volt regulator, two error amplifiers, adjustable
oscillator, dead-time control comparator, pulse-steering flip-flop, and
output-control circuitry. The uncommitted output transistors provide
either common-emitter or emitter-follower output capability. Push-pull
or single-ended output operation may be selected through the output-
control function. The architecture of the IL494 prohibits the possibility
of either output b eing pulsed twice during push-pull operation.
• Complete PWM Power Control Circuitry
• Uncommitted Outputs for 200 mA Sink or Source
• Output Control Selects Single-Ended or Push-Pull Operation
• Internal Circuitry Prohibits Double Pulse at Either Output
• Internal Regulator Provides a Stable 5 V Reference Supply
• Variable Dead-Time Provides Control Over Total Range
ORDERING INFORMATION
SL494N Plastic
SL494D SOIC
TA = -20
°C to 85° C
for all packages
PIN ASSIGNMENT
FUNCTION TABLE
Output Control
Output Function
Grounded
Single-ended or Parallel Output
At Vref
Normal Push-Pull Operation
LOGIC DIAGRAM


Similar Part No. - SL494

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
REMOTE CONTROL TRANSMITTER
SL490BNADP ETC-SL490BNADP Datasheet
136Kb / 5P
REMOTE CONTROL TRANSMITTER
More results

Similar Description - SL494

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
logo
Hynix Semiconductor
GL494 HYNIX-GL494 Datasheet
94Kb / 7P
PWM CONTROL CIRCUIT
logo
Integral Corp.
IL494 INTEGRAL-IL494 Datasheet
169Kb / 4P
PWM Control Circuit
logo
KODENSHI_AUK CORP.
KK494 KODENSHI-KK494 Datasheet
265Kb / 5P
PWM Control Circuit
logo
IK Semicon Co., Ltd
IL494A IKSEMICON-IL494A Datasheet
230Kb / 5P
PWM Control Circuit
IL494 IKSEMICON-IL494 Datasheet
230Kb / 5P
PWM Control Circuit
IL494 IKSEMICON-IL494_11 Datasheet
411Kb / 9P
PWM Control Circuit
IL494A IKSEMICON-IL494A_09 Datasheet
334Kb / 9P
PWM Control Circuit
IL494 IKSEMICON-IL494_16 Datasheet
746Kb / 9P
PWM Control Circuit
IL494A IKSEMICON-IL494A_16 Datasheet
696Kb / 9P
PWM Control Circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com