Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL494 Datasheet (PDF) - Hynix Semiconductor

GL494 Datasheet PDF - Hynix Semiconductor
Part # GL494
Download  GL494 Download
File Size   94.02 Kbytes
Page   7 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description PWM CONTROL CIRCUIT

GL494 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL494 Datasheet PDF - Hynix Semiconductor

Part # GL494
Download  GL494 Click to download

File Size   94.02 Kbytes
Page   7 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description PWM CONTROL CIRCUIT

GL494 Datasheet (HTML) - Hynix Semiconductor


GL494 Product details

Description
The GL494 incorporates on a single monolithic chip all the functions required in the construction of a pulse-width-modulation control circuit. Designed primarily for power supply control, the GL494 contains an on-chip 5-volt regulator, two error amplifiers, adjustable oscillator, dead-time control comparator, pulse-steering flip-flop, and output-control circuitry. The uncommitted output transistors pro-vide either common-emitter or emitter-follower output capability. Push-pull or single-ended output operation may be selected through the output control function. The ar-chitecture of the GL494 prohibits the possibility of either output being pulsed twice during push-pull operation.

Features
● Complete PWM Power Control Circuitry
● Uncommitted Outputs for 200mA Sink or Source
● Output Control Selects Single-Ended or Push-Pull Operation
● Internal Circuitry Prohibits Double Pulse at Either Output
● Internal Regulator Provides a Stable 5V Reference Supply
● Variable Dead-Time Provides Control Over Total Range




Similar Part No. - GL494

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL4910 SHARP-GL4910 Datasheet
43Kb / 4P
Side View Type Infrared Emitting Diode for Camera AF (Automatic Focusing)
GL496 SHARP-GL496 Datasheet
35Kb / 4P
High Speed Infrared Emitting Diode
More results


Similar Description - GL494

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL494 SLS-SL494 Datasheet
38Kb / 4P
PWM Control Circuit
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
logo
Integral Corp.
IL494 INTEGRAL-IL494 Datasheet
169Kb / 4P
PWM Control Circuit
logo
KODENSHI_AUK CORP.
KK494 KODENSHI-KK494 Datasheet
265Kb / 5P
PWM Control Circuit
logo
IK Semicon Co., Ltd
IL494A IKSEMICON-IL494A Datasheet
230Kb / 5P
PWM Control Circuit
IL494 IKSEMICON-IL494 Datasheet
230Kb / 5P
PWM Control Circuit
IL494 IKSEMICON-IL494_11 Datasheet
411Kb / 9P
PWM Control Circuit
IL494A IKSEMICON-IL494A_09 Datasheet
334Kb / 9P
PWM Control Circuit
IL494 IKSEMICON-IL494_16 Datasheet
746Kb / 9P
PWM Control Circuit
IL494A IKSEMICON-IL494A_16 Datasheet
696Kb / 9P
PWM Control Circuit
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com