Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL494 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # GL494
Description  PWM CONTROL CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL494 Datasheet(HTML) 6 Page - Hynix Semiconductor

  GL494 Datasheet HTML 1Page - Hynix Semiconductor GL494 Datasheet HTML 2Page - Hynix Semiconductor GL494 Datasheet HTML 3Page - Hynix Semiconductor GL494 Datasheet HTML 4Page - Hynix Semiconductor GL494 Datasheet HTML 5Page - Hynix Semiconductor GL494 Datasheet HTML 6Page - Hynix Semiconductor GL494 Datasheet HTML 7Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
GL494
6
4. Emitter-Follower Configuration
TEST CIRCUIT
OUTPUT VOLTAGE WAVEFORM
Typical Performance Curves
(EACH OUTPUT
EIRCUIT)
15V
68
Ω
2W
OUTPUT
CL=15pF
(INCLUDES PROBE AND
JIG CAPACITANCE)
90%
90%
10%
10%
tf
tr
300k
100k
10k
1k
100
30
100
90
80
70
60
50
40
30
20
10
0
1k
2k
5k
10k
20k
50k
100k 200k 500k 1M
1.0
10
100
1k
10k
100k
1M
20
0
-20
-40
-60
-80
-100
-120
-140
-160
-80
10
9
8
7
6
5
4
3
2
1
0
50
40
30
20
10
0
100
1k
10k
100k
0
1.0
2.0
3.0
3.5
FIGURE 1 – OSCILLATOR FREQUENCY versus
TIMING RESISTANCE
FIGURE 2 – OPEN LOOP VOLTAGE GAIN AND PHASE
versus FREQUENCY
FIGURE 3 – PERCENT DEAD TIME
versus OSCILLATOR FREQUENCY
FIGURE 4 – PERCENT DUTY CYCLE versus
DEAD-TIME CONTROL VOLTAGE
RT, TIMING RESISTANCE (
Ω)
f, FREQUENCY (Hz)
fo, OSCILLATOR FREQUENCY (Hz)
DEAD TIME CONTROL VOLTAGE (V)
Vcc=15V
0.001
µF
CT=0.01
µF
0.1
µF
0.1
µF
AVOL
0.01
µF
CT=0.01
µF
Vcc=15V
Vo=3V
RL=2k
Ω
Vcc=15V
Voc=Vref
V(PIN4)=0V
Vcc=15V
Voc=Vref
1) CT=0.01
RT=10k
2) CT=0.001
RT=30K
1
2
θ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com