Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL494 Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # GL494
Description  PWM CONTROL CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL494 Datasheet(HTML) 5 Page - Hynix Semiconductor

  GL494 Datasheet HTML 1Page - Hynix Semiconductor GL494 Datasheet HTML 2Page - Hynix Semiconductor GL494 Datasheet HTML 3Page - Hynix Semiconductor GL494 Datasheet HTML 4Page - Hynix Semiconductor GL494 Datasheet HTML 5Page - Hynix Semiconductor GL494 Datasheet HTML 6Page - Hynix Semiconductor GL494 Datasheet HTML 7Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GL494
5
Parameter Measurement Information
1.Dead time and Feedback Control
2. Error Amplifier Characteristics
3. Common-Emitter Configuration
TEST CIRCUIT
OUTPUT VOLTAGE WAVEFORM
DEAD TIME (4)
(8) C1
FEEDBACK (3)
(9) E1
Re (6)
Cr (5)
(11) C2
(+) (16)
ERROR
(12) E2
(-) (15)
AMP
(+) (1)
ERROR
(-) (2)
AMP
OUTPUT
CONTROL
Vcc=15V
TEST
INPUTS
OUTPUT 1
OUTPUT 2
(14) REF
OUT
GND (7)
(13)
50k
Ω
150
Ω
2W
150
Ω
2W
12k
Ω
0.01
µF
VOLTAGE
AT C1
VOLTAGE
AT C2
VOLTAGE
AT CT
DEAD-TIME
CONTROL
INTPUT
FEEDBACK
MAX
DUTY
CYCLE
MAX
THRESHOLD VOLTAGE
THRESHOLD VOLTAGE
Vcc
Vcc
0
0
0%
0%
0V
0.7V
V1
ERROR AMPLIFIER
UNDER TEST
FEEDBACK
TERMINAL
OTHER
ERROR
AMPLIFIER
VREF
–
–
+
+
(EACH OUTPUT
CIRCUIT)
OUTPUT
15V
68
Ω
2W
CL=15pF
(INCLUDES PROBE AND
JIG CAPACITANCE)
90%
90%
10%
10%
tf
tr
TEST CIRCUIT
VOLTAGE
WAVEFORMS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com