Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL494 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # GL494
Description  PWM CONTROL CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL494 Datasheet(HTML) 1 Page - Hynix Semiconductor

  GL494 Datasheet HTML 1Page - Hynix Semiconductor GL494 Datasheet HTML 2Page - Hynix Semiconductor GL494 Datasheet HTML 3Page - Hynix Semiconductor GL494 Datasheet HTML 4Page - Hynix Semiconductor GL494 Datasheet HTML 5Page - Hynix Semiconductor GL494 Datasheet HTML 6Page - Hynix Semiconductor GL494 Datasheet HTML 7Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GL494
1
GL494
PWM CONTROL CIRCUIT
Description
The GL494 incorporates on a single monolithic chip all the
functions required in the construction of a pulse-width-
modulation control circuit. Designed primarily for power
supply control, the GL494 contains an on-chip 5-volt
regulator, two error amplifiers, adjustable oscillator, dead-
time control comparator, pulse-steering flip-flop, and
output-control
circuitry.
The
uncommitted
output
transistors pro-vide either common-emitter or emitter-
follower output capability. Push-pull or single-ended
output operation may be selected through the output-
control function. The ar-chitecture of the GL494 prohibits
the possibility of either output being pulsed twice during
push-pull operation.
Features
— Complete PWM Power Control Circuitry
— Uncommitted Outputs for 200mA Sink or Source
— Output Control Selects Single-Ended or Push-Pull
Operation
— Internal Circuitry Prohibits Double Pulse at Either
Output
— Internal Regulator Provides a Stable 5V Reference
Supply
— Variable Dead-Time Provides Control Over Total
Range
Pin Configuration
Function Table
Output Control
Output Function
Grounded
Single-ended or Parallel Output
At
ref
V
Normal Push-Pull Operation
Block Diagram
OSCILLATOR
REFERENCE
REGULATOR
NONINV INPUT
INV. INPUT
FEEDBACK
DEAD TIME CONTROL
Cr
Rr
GND
C1
NON INV INPUT
INV. INPUT
REF. OUT
OUTPUT CONTROL
Vcc
C2
E2
E1
RT
CT
DEAD
TIME
CONTROL
NONINVERTING(1)
INPUT
INVERTING
(2)
INPUT
NONINVERTING(16)
INPUT
INVERTING
(15)
INPUT
FEEDBACK
ERROR
AMPLIFIERS
PWM
COMPARATOR
OUTPUT
CONTROL
(See Function Table)
PULSE STEERING
FLIP FLOP
VCC
REF OUT
GND
E1(9) C1(8)
E1(10) C2(11)
(4)
(3)
(7)
(12)
(14)
(13)
T
Q
Q
0.1V
+
+
−
−
ERROR AMP1
ERROR AMP2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9


Similar Part No. - GL494

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL4910 SHARP-GL4910 Datasheet
43Kb / 4P
Side View Type Infrared Emitting Diode for Camera AF (Automatic Focusing)
GL496 SHARP-GL496 Datasheet
35Kb / 4P
High Speed Infrared Emitting Diode
More results

Similar Description - GL494

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL494 SLS-SL494 Datasheet
38Kb / 4P
PWM Control Circuit
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
logo
Integral Corp.
IL494 INTEGRAL-IL494 Datasheet
169Kb / 4P
PWM Control Circuit
logo
KODENSHI_AUK CORP.
KK494 KODENSHI-KK494 Datasheet
265Kb / 5P
PWM Control Circuit
logo
IK Semicon Co., Ltd
IL494A IKSEMICON-IL494A Datasheet
230Kb / 5P
PWM Control Circuit
IL494 IKSEMICON-IL494 Datasheet
230Kb / 5P
PWM Control Circuit
IL494 IKSEMICON-IL494_11 Datasheet
411Kb / 9P
PWM Control Circuit
IL494A IKSEMICON-IL494A_09 Datasheet
334Kb / 9P
PWM Control Circuit
IL494 IKSEMICON-IL494_16 Datasheet
746Kb / 9P
PWM Control Circuit
IL494A IKSEMICON-IL494A_16 Datasheet
696Kb / 9P
PWM Control Circuit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com