Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL7101N Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL7101N
Description  EARTH LEAKAGE CURRENT DETECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL7101N Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL7101N Datasheet HTML 1Page - System Logic Semiconductor SL7101N Datasheet HTML 2Page - System Logic Semiconductor SL7101N Datasheet HTML 3Page - System Logic Semiconductor SL7101N Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL7101
System Logic
Semiconductor
SLS
EARTH LEAKAGE CURRENT DETECTOR
Description
The SL7101 is designed for use in earth leakage circuit
interrupters for operation directly of the AC Line in breakers.
It contains pre regulator, main regulator, after regulator,
differential amplifier, level comparator, latch circuit. The input in
the differential amplifier is connect to the secondary node of
zero current transformer. The level comparator generates high
level when earth leakage current is greater than some level.
• Low Power Consumption (PD=5mW) 100V/200V
• 100V/200V Common Built-in Voltage Regulator
• High Gain Differential Amplifier
• High Input Sensitivity
• Minimum External Parts
• Large Surge Margin
• Wide Operating Temperature Range (TÀ =-30 to 85°C)
• High Noise Immunity
Block Diagram
Feature
Pin Configuration
(Top View)
20V
8mA
200mW
- 30 to 85°C
- 55 to 125°C
Absolute Maximum Ratings (T^=25°c)
§ Supply Voltage
§ Supply Current
§ Power Dissipation
§ Operating Temperature
§ Storage Temperature
4
3
2
1
5
6
7
8
V
R
O
D
IN
V
+
O
S
N
R
S
C


Similar Part No. - SL7101N

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL71051 AUK-SL71051 Datasheet
267Kb / 5P
CC, CV Control for Battery Charger & Adaptor
logo
KODENSHI_AUK CORP.
SL71051 KODENSHI-SL71051 Datasheet
147Kb / 5P
Control for Battery Charger & Adaptor
logo
AUK corp
SL71053 AUK-SL71053 Datasheet
192Kb / 6P
CC, CV Control for Battery Charger & Adaptor
logo
KODENSHI_AUK CORP.
SL71053 KODENSHI-SL71053 Datasheet
90Kb / 6P
CC, CV Control for Battery Charger & Adaptor
logo
AUK corp
SL71061 AUK-SL71061 Datasheet
296Kb / 6P
CC, CV Control for Battery Charger & Adaptor
More results

Similar Description - SL7101N

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54124L MITSUBISHI-M54124L Datasheet
162Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
M54133FP MITSUBISHI-M54133FP Datasheet
119Kb / 12P
EARTH LEAKAGE CURRENT DETECTOR
logo
Hynix Semiconductor
GL7101 HYNIX-GL7101 Datasheet
89Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
Earth Leakage Current Detector
M54134FP RENESAS-M54134FP Datasheet
171Kb / 18P
Earth Leakage Current Detector
logo
Unisonic Technologies
M54123L UTC-M54123L_09 Datasheet
211Kb / 9P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134 Datasheet
222Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_15 Datasheet
239Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com